công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N2221UA bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện 2N2221UA
Giải thích chi tiết về linh kiện  Radiation Hardened NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N2221UA bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N2221UA Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N2221UA Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N2221UA Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N2221UA Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N2221UA Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 2N2221UA Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Radiation Hardened NPN Silicon Switching Transistors
Rev. V1
2N2221A, L, UA, UB &
2N2222A, L, UA, UB
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications @ TA = 25°C
Parameter
Test Conditions
Symbol Units Minimum Maximum
Dynamic Characteristics:
Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1 mAdc, VCE = 10 Vdc, f = 1 kHz
2N2221A, L, UA, UB
2N2222A, L, UA, UB
hfe
30
50
Magnitude of Small-Signal Short-Circuit,
Forward Current Transfer Ratio
IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz
| hfe |
2.5
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz
VCB = 0.5 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz
COBO
C1BO
pF
8
25
Switching Characteristics:
Turn-On Time
(See figure 17 of MIL-PRF-19500/255)
TON
ns
35
Turn-Off Time
(See Figure 18 of MIL-PRF-19500/255)
TOFF
ns
300
Absolute Maximum Ratings @ TC = 25°C
Parameter
Absolute Maximum
Collector - Emitter Voltage (VCEO)
50 Vdc
Collector - Base Voltage (VCBO)
75 Vdc
Emitter - Base Voltage (VEBO)
6.0 Vdc
Collector Current (IC)
800 mAdc
Total Power Dissipation (PT) TA = +25ºC
0.5 W
Thermal Resistance (RΘJC) Junction to Ambient
325 ºC/W
Operating Temperature
-65°C to +200°C
Storage Temperature
-65°C to +200°C


Số phần tương tự - 2N2221UA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
2N2221 STMICROELECTRONICS-2N2221 Datasheet
71Kb / 5P
   HIGH-SPEED SWITCHES
January 1989
logo
Siemens Semiconductor G...
2N2221 SIEMENS-2N2221 Datasheet
45Kb / 2P
   NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2221 FAIRCHILD-2N2221 Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Seme LAB
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Central Semiconductor C...
2N2221 CENTRAL-2N2221 Datasheet
531Kb / 2P
   NPN SILICON TRANSISTOR
More results

Mô tả tương tự - 2N2221UA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com