công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCXXXADW bảng dữ liệu(PDF) 2 Page - Motorola, Inc

tên linh kiện MC74HCXXXADW
Giải thích chi tiết về linh kiện  High?밣erformance Silicon?밎ate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXADW bảng dữ liệu(HTML) 2 Page - Motorola, Inc

  MC74HCXXXADW Datasheet HTML 1Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 2Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 3Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 4Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 5Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC54/74HC245A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 1.5 to VCC + 1.5
V
VI/O
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
II/O
DC Output Current, per Pin
± 35
mA
ICC
DC Supply Current, VCC and GND Pins
± 75
mA
PD
Power Dissipation in Still Air, Plastic or Ceramic DIP†
SOIC Package†
750
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
(Ceramic DIP)
260
300
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
†Derating — Plastic DIP: – 10 mW/
_C from 65_ to 125_C
Ceramic DIP: – 10 mW/
_C from 100_ to 125_C
SOIC Package: – 7 mW/
_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
VIH
Minimum High–Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low–Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 µA
2.0
4.5
6.0
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
VOH
Minimum High–Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH or VIL |Iout| v 6.0 mA
|Iout| v 7.8 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.70
5.20
VOL
Maximum Low–Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL |Iout| v 6.0 mA
|Iout| v 7.8 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND, Pin 1 or 19
6.0
± 0.1
± 1.0
± 1.0
µA
IOZ
Maximum Three–State
Leakage Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND, I/O Pins
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4
40
160
µA
NOTE: Information on typical parametric values and high frequency or heavy load considerations can be found in Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Số phần tương tự - MC74HCXXXADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
92Kb / 7P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
171Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
211Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
235Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Mô tả tương tự - MC74HCXXXADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com