công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCXXXADT bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74HCXXXADT
Giải thích chi tiết về linh kiện  High?밣erformance Silicon?밎ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXADT bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74HCXXXADT Datasheet HTML 1Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 2Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 3Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 4Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 5Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 6Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 7Page - Motorola, Inc MC74HCXXXADT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1995
10/95
Product Preview
Quad D Flip-Flop with
Common Clock and Reset
High–Performance Silicon–Gate CMOS
The MC54/74HC175A is identical in pinout to the LS175. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
This device consists of four D flip–flops with common Reset and Clock
inputs, and separate D inputs. Reset (active–low) is asynchronous and
occurs when a low level is applied to the Reset input. Information at a D input
is transferred to the corresponding Q output on the next positive going edge
of the Clock input.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity 166 FETs or 41.5 Equivalent Gates
LOGIC DIAGRAM
PIN 16 = VCC
PIN 8 = GND
9
4
5
12
13
CLOCK
D0
D1
D2
D3
RESET
1
DATA
INPUTS
2
3
7
6
10
11
15
14
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
INVERTING
AND
NONINVERTING
OUTPUTS
This document contains information on a product under development. Motorola reserves the right to
change or discontinue this product without notice.
MC54/74HC175A
PIN ASSIGNMENT
FUNCTION TABLE
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D2
D3
Q3
Q3
VCC
CLOCK
Q2
Q2
D0
Q0
Q0
RESET
GND
Q1
Q1
D1
Inputs
Outputs
Reset
Clock
D
Q
Q
L
X
X
L
H
H
H
H
L
H
L
L
H
H
L
X
No Change
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXAD
MC74HCXXXADT
Ceramic
Plastic
SOIC
TSSOP
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16
1
16
DT SUFFIX
TSSOP PACKAGE
CASE 948F–01


Số phần tương tự - MC74HCXXXADT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HCXXXADT MOTOROLA-MC74HCXXXADT Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
More results

Mô tả tương tự - MC74HCXXXADT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com