công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCXXAD bảng dữ liệu(PDF) 3 Page - Motorola, Inc

tên linh kiện MC74HCXXAD
Giải thích chi tiết về linh kiện  High?밣erformance Silicon?밎ate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXAD bảng dữ liệu(HTML) 3 Page - Motorola, Inc

  MC74HCXXAD Datasheet HTML 1Page - Motorola, Inc MC74HCXXAD Datasheet HTML 2Page - Motorola, Inc MC74HCXXAD Datasheet HTML 3Page - Motorola, Inc MC74HCXXAD Datasheet HTML 4Page - Motorola, Inc MC74HCXXAD Datasheet HTML 5Page - Motorola, Inc MC74HCXXAD Datasheet HTML 6Page - Motorola, Inc MC74HCXXAD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC54/74HC00A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
V
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High–Level Input Voltage
Vout = 0.1V or VCC –0.1V
|Iout| ≤ 20µA
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low–Level Input Voltage
Vout = 0.1V or VCC – 0.1V
|Iout| ≤ 20µA
2.0
3.0
4.5
6.0
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
V
VOH
Minimum High–Level Output
Voltage
Vin = VIH or VIL
|Iout| ≤ 20µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin =VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low–Level Output
Voltage
Vin = VIH or VIL
|Iout| ≤ 20µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0µA
6.0
1.0
10
40
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
VCC
V
Guaranteed Limit
Symbol
Parameter
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A or B to Output Y
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
30
15
13
95
40
19
16
110
55
22
19
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Buffer)*
Typical @ 25
°C, VCC = 5.0 V, VEE = 0 V
pF
CPD
Power Dissipation Capacitance (Per Buffer)*
22
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Số phần tương tự - MC74HCXXAD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74HCXXAD MOTOROLA-MC74HCXXAD Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXAD MOTOROLA-MC74HCXXAD Datasheet
163Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXAD MOTOROLA-MC74HCXXAD Datasheet
181Kb / 8P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
MC74HCXXADT MOTOROLA-MC74HCXXADT Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXADT MOTOROLA-MC74HCXXADT Datasheet
163Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Mô tả tương tự - MC74HCXXAD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com