công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74FXXXN bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC74FXXXN
Giải thích chi tiết về linh kiện  DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74FXXXN bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC74FXXXN Datasheet HTML 1Page - Motorola, Inc MC74FXXXN Datasheet HTML 2Page - Motorola, Inc MC74FXXXN Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-160
FAST AND LS TTL DATA
DUAL 4-INPUT MULTIPLEXER
WITH 3-STATE OUTPUTS
The MC54/74F353 is a dual 4-input multiplexer with 3-state outputs. It can
select two bits of data from four sources using common Select inputs. The out-
puts may be individually switched to a high impedance state with a HIGH on
the respective Output Enable (OE) inputs, allowing the outputs to interface di-
rectly with bus-oriented systems.
Inverted Version of F253
Multifunction Capability
Separate Enables for Each Multiplexer
FUNCTIONAL DESCRIPTION
The MC54/74F353 contains two identical 4-input multiplexers with 3-state
outputs. They select two bits from four sources selected by common Select
inputs (S0, S1).The 4-input multiplexers have individual Output enable (OEa,
OEb) inputs which, when HIGH, force the outputs to a high impedance (high
Z) state. The logic equations for the outputs are shown below:
Za=OEa • (I0a • S1 • S0 +I1a • S1 • S0 + I2a • S1 • S0 + I3a • S1 • S0)
Zb=OEb• (I0b • S1 • S0 + I1b • S1 • S0 + I2b•S1•S0+I3b•S1•S0)
If the outputs of 3-state devices are tied together, all but one device must
be in the high impedance state to avoid high currents that would exceed the
maximum ratings. Designers should ensure that Output Enable signals to
3-state devices whose outputs are tied together are designed so that there is
no overlap.
CONNECTION DIAGRAM (TOP VIEW)
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
OEb
S0
I3b
I2b
I1b
I0b
Zb
OEa
S1
I3a
I2a
I1a
I0a
Za
GND
DUAL 4-INPUT MULTIPLEXER
WITH 3-STATE OUTPUTS
MC54/74F353
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
MC54FXXXJ
Ceramic
MC74FXXXN
Plastic
MC74FXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
2
14
1
6
5
4
3
10
11
12
13
15
9
7
Za
Zb
S1 S0
OEa
I0a
I1a
I2a
I3a
I0b
I1b
I2b
I3b
OEb
VCC = PIN 16
GND = PIN 8


Số phần tương tự - MC74FXXXN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
68Kb / 2P
   8-INPUT MULTIPLEXER
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
67Kb / 3P
   DUAL 4-INPUT DUAL 4-INPUT
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
91Kb / 3P
   8-LINE TO 3-LINE PRIORITY ENCODER FAST SHOTTKY TTL
MC74FXXXN MOTOROLA-MC74FXXXN Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
More results

Mô tả tương tự - MC74FXXXN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com