công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02094-12 bảng dữ liệu(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M02094-12
Giải thích chi tiết về linh kiện  EPON FTTH modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094-12 bảng dữ liệu(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
M02094-12
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
7
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
Rev V5
VBL
Bias_OK
lower
voltage
threshold
0.88
1.0
1.05
V
VBH
Bias_OK
upper
voltage
threshold
1.45
1.6
1.7
V
VFAULTL(4) Lower voltage threshold for
fault inputs IBOUTCA, OUT+,
CAPC, and MODSET
FAIL asserts if any of these signals fall below this
value.
300
400
mV
VFAULTH(5) Upper voltage threshold for
fault inputs IBOUTCC
FAIL asserts if any of these signals fall above this
value.
2.6
2.9
VCC3 - 0.2
V
VSELFL
Self bias voltage for IBOUTCA
and OUT+
During disable state
0.5
1.65
2.0
V
VSELFH
Self bias voltage for IBOUTCC During disable state
0
1.25
V
Notes:
1. Excludes bias and modulation currents.
2. Bias and modulation currents add directly to power supply current in 5V applications. The additional supply current noted excludes these currents.
3. VCC3 “supply OK” circuitry monitors the internally regulated 3.3V supply when VCC = 5V (VCC3SEL =low). When VCC = 3.3V, VCC3 “supply OK” circuitry
monitors VCC (VCC3SEL =high).
4. A low level at IBOUTCA does not trigger a fault condition during common cathode operation.
5. A low level at IBOUTCC does not trigger a fault condition during common anode operation.
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units


Số phần tương tự - M02094-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
M02094-11 MA-COM-M02094-11 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
More results

Mô tả tương tự - M02094-12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
logo
AVAGO TECHNOLOGIES LIMI...
BT-1212XX AVAGO-BT-1212XX Datasheet
103Kb / 1P
   10G EPON Symmetrical ONU Bi-direction OSA
logo
Diodes Incorporated
FNEPON125 DIODES-FNEPON125 Datasheet
411Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
Rev D 07/13/12
logo
Pericom Semiconductor C...
FNEPON125 PERICOM-FNEPON125 Datasheet
559Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
logo
Huber+Suhner, Inc.
04-___MH_ZN_H-___23C HUBERSUHNER-04-___MH_ZN_H-___23C Datasheet
187Kb / 2P
   Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Cca
06-___SMH_ZN_H-___23B HUBERSUHNER-06-___SMH_ZN_H-___23B Datasheet
188Kb / 2P
   Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
logo
Mitsumi Electronics, Co...
VGQ-32HA MITSUMI-VGQ-32HA Datasheet
33Kb / 2P
   FTTH-VG Optical Communication V Groov Board
logo
Vitesse Semiconductor C...
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
   1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com