công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1--21919--2 bảng dữ liệu(PDF) 3 Page - TE Connectivity Ltd

tên linh kiện 1--21919--2
Giải thích chi tiết về linh kiện  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21919--2 bảng dữ liệu(HTML) 3 Page - TE Connectivity Ltd

  1--21919--2 Datasheet HTML 1Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 2Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 3Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 4Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 5Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
408- 9426
3
of 6
Rev E
Figure 4
Unstripped Wire Inserted
and Bottomed in Wire Guide
5. Release the feed pawl by pushing it forward
then move the carriage to left and remove the
connector from head assembly.
6. Inspect termination in accordance with
Application Specification 114--5103. If wire
insertion depth is incorrect or if the carriage is not
feeding properly, refer to Section 5.
5. ADJUSTMENTS
5.1. Wire Insertion Depth (See Figure 5)
A. For Pistol Grip Manual Handle Assembly
If the wire is too deep in the contact insulation
displacement slot, remove the head from the tool and
turn the adjuster 1/6--revolution clockwise. This will
reduce the wire insertion depth by approximately
0.20 mm [.008 in.]. Install the head onto the tool; then
terminate and inspect a sample connector.
If the wire is not deep enough in the contact insulation
displacement slot, remove the head from the tool and
turn the adjuster 1/6--revolution counterclockwise.This
will increase the wire insertion depth by approximately
0.20 mm [.008 in.]. Install the head onto the tool; then
terminate and inspect a sample connector.
B. For Pneumatic Assembly
To avoid personal injury, ALWAYS disconnect air
supply from pneumatic power bench when
removing head from tool.
1. Increase the air pressure for the pneumatic
bench mount in increments of 69 kPa [10 psi] until
proper wire insertion depth is obtained.
DO NOT increase the air pressure beyond
483 kPa [70 psi]; otherwise, excessive wear and
strain to the tool and head could result.
Figure 5
Turn Clockwise
to Reduce
Wire Insertion Depth
Turn Counterclockwise
to Increase
Wire Insertion Depth
2. If the proper wire insertion depth is not obtained,
set the air pressure to 276 kPa [40 psi], and follow
the procedure in Paragraph 5.1, A.
5.2. Carriage Feed
The carriage feed adjustment setscrew, shown in
Figure 6, controls the location of the carriage. If the
screw is positioned in too far, the feed pawl will not
engage in the carriage and the carriage will not
advance. If the screw is out too far, the carriage will
back up until the feed pawl engages, and thus, will
incorrectly position the contact to be terminated.
Adjust the carriage by turning the adjustment screw
either in or out until the contact aligns with the wire
inserter.
Figure 6
Carriage Feed
Adjustment Setscrew
Feed
Pawl
Carriage
DANGER
CAUTION
!


Số phần tương tự - 1--21919--2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--9 TEC-1--21000--9 Datasheet
183Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Mô tả tương tự - 1--21919--2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Samtec, Inc
2SN-BK-G SAMTEC-2SN-BK-G Datasheet
46Kb / 1P
   2 mm C.L. SHUNT ASSEMBLY
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
   Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
   Mass Termination Assembly
logo
Tyco Electronics
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
logo
3M Electronics
7893S 3M-7893S Datasheet
53Kb / 1P
   3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
logo
Tyco Electronics
59461 MACOM-59461 Datasheet
75Kb / 1P
   HEAVY HEAD HAND TOOL ASSEMBLY
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com