công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9-305832-5 bảng dữ liệu(PDF) 3 Page - Tyco Electronics

tên linh kiện 9-305832-5
Giải thích chi tiết về linh kiện  Read these instructions and referenced documents before crimping any splices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

9-305832-5 bảng dữ liệu(HTML) 3 Page - Tyco Electronics

  9-305832-5 Datasheet HTML 1Page - Tyco Electronics 9-305832-5 Datasheet HTML 2Page - Tyco Electronics 9-305832-5 Datasheet HTML 3Page - Tyco Electronics 9-305832-5 Datasheet HTML 4Page - Tyco Electronics 9-305832-5 Datasheet HTML 5Page - Tyco Electronics 9-305832-5 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
408- 1634
Die Assemblies 45218, 45221, 69303- 2, and 69820
3
of 6
Rev C
Tyco Electronics Corporation
Setting 1—Tight
Turn both insulation adjustment spacers until the “1” (stamped on
the die) is visible at the beveled corner of the spacers. When
installed into the tool, the L--shaped edge of the spacers will fit
between the die and the tool.
Setting 2—Medium
Turn the insulation adjustment spacer closest to the die until the
“2” (stamped on the die) is visible at the beveled corner of the
spacer. When installed into the tool, the L--shaped edge of the
spacer will fit between the die and the tool.
Setting 3—Loose
Turn both insulation adjustment spacers until the “3” (stamped on
the die) is visible at the beveled corner of the spacers. The
L--shaped edge of the spacer will fit into the notch in the side of
the die.
Figure 5
Setting 3
Shown
Insulation
Adjustment Spacers
Screw Loosened
Die Assembly 69820 Shown
3. Tighten the die screw. Install die into tool.
4. Perform a test crimp following the steps in
Section 4, and inspect the splice insulation. If the
crimp cuts into, or otherwise damages, the
insulation, start with Step 1 and set the insulation
crimp adjustment to the next setting (Setting 2, as
described in Figure 5). Perform another test crimp.
If the crimp does not meet requirements, set the
adjustment to Setting 3. If the crimp meets
requirements, the adjustment is properly set.
6. MAINTENANCE AND INSPECTION
6.1. Daily Maintenance
It is recommended that each operator of the die
assembly be made aware of, and responsible for, the
following steps of daily maintenance:
1. Remove all foreign particles from the dies with a
clean, soft brush, or a clean, soft, lint--free cloth.
Do not use objects that could damage the dies.
SAE is a trademark of SAE International Corporation.
2. Make sure that the proper screws and retaining
rings are in place and are secured. Check die
alignment and tighten screws (twice daily is
recommended for production use).
3. Make certain that the dies are protected with a
thin coat of any good SAE 20 motor oil. DO NOT
oil excessively.
4. When dies are not in use, mate them and store
them in a clean, dry area.
6.2. Periodic Inspection
Regular inspections should be performed by quality
control personnel with a record of scheduled
inspection remaining with the die assembly or
supplied to personnel responsible for them. Though
recommendations call for at least one inspection per
month, inspection frequency should be based upon
amount of use, working conditions, operator training
and skill, and established company standards. The
inspections should be performed in the following
sequence.
1. Remove all lubrication and accumulated film by
immersing the dies in a suitable commercial
degreaser that will not affect paint or plastic
material.
2. Make sure that screws, retaining rings, and die
components are in place.
3. Check all bearing surfaces for wear. Replace
worn components.
4. Inspect the crimping chamber for flattened,
chipped, cracked, worn, or broken areas. If
damage is evident, the dies must be repaired
before returning them to service.
6.3. Gaging the Crimping Chamber
This inspection requires the use of plug gages
conforming to the dimensions provided in Figure 6.
To gage the crimping chamber, proceed as follows:
1. Remove traces of oil or dirt from the crimping
chamber and plug gage.
2. For pneumatic tools, reduce air supply pressure
on tool to between 103 and 138 kPa [15 and
20 psi]. Actuate tool until dies bottom. For manual
tools, close handles until dies bottom. DO NOT
force beyond initial contact.
3. Insert GO element into the crimping chamber;
but do not force it. The GO element must pass
completely through the crimping chamber. See
Figure 7.


Số phần tương tự - 9-305832-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
9-305927-1 TEC-9-305927-1 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
9-305927-1 TEC-9-305927-1 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
9-305927-1 MACOM-9-305927-1 Datasheet
187Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
9-305927-1 MACOM-9-305927-1 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Mô tả tương tự - 9-305832-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
   Read these instructions thoroughly before crimping any contacts
408-9450 MACOM-408-9450 Datasheet
255Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
408-6794 MACOM-408-6794 Datasheet
270Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
logo
TE Connectivity Ltd
408-6930 TEC-408-6930 Datasheet
172Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com