công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-1419137-7 bảng dữ liệu(PDF) 7 Page - TE Connectivity Ltd

tên linh kiện 3-1419137-7
Giải thích chi tiết về linh kiện  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1419137-7 bảng dữ liệu(HTML) 7 Page - TE Connectivity Ltd

  3-1419137-7 Datasheet HTML 1Page - TE Connectivity Ltd 3-1419137-7 Datasheet HTML 2Page - TE Connectivity Ltd 3-1419137-7 Datasheet HTML 3Page - TE Connectivity Ltd 3-1419137-7 Datasheet HTML 4Page - TE Connectivity Ltd 3-1419137-7 Datasheet HTML 5Page - TE Connectivity Ltd 3-1419137-7 Datasheet HTML 6Page - TE Connectivity Ltd 3-1419137-7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
7
AXICOM
Signal Relays
Cradle S Relay V23054/V23062 (Continued)
Product code
Version
Coil
Operate/Lim.
Arrangement
Contacts
Enclosure
PartNumber
V23054-EXXXX, 5A, size III
V23054-E1003-F110
5A, size III
220VDC
118/240VDC
4 form C, 4 CO
Single
Dust protected
5-1393813-9
V23054-E1004-F110
5A, size III
110VDC
66/145VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-0
V23054-E1011-F110
5A, size III
6VDC
3.5/9VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-1
V23054-E1015-F110
5A, size III
12VDC
7/18VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-3
V23054-E1016-F110
5A, size III
12.5VDC
8.1/21.5VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-6
V23054-E1017-F110
5A, size III
16VDC
10.5/25.5VDC
4 form C, 4 CO
Single
Dust protected
6-1393813-8
V23054-E1019-F110
5A, size III
20VDC
13/31VDC
4 form C, 4 CO
Single
Dust protected
7-1393813-2
V23054-E1020-F110
5A, size III
24VDC
15.5/39VDC
4 form C, 4 CO
Single
Dust protected
7-1393813-6
V23054-E1021-F110
5A, size III
32VDC
21/50VDC
4 form C, 4 CO
Single
Dust protected
8-1393813-1
V23054-E1022-F110
5A, size III
45VDC
29/66VDC
4 form C, 4 CO
Single
Dust protected
8-1393813-2
V23054-E1026-F110
5A, size III
60VDC
43/94VDC
4 form C, 4 CO
Single
Dust protected
8-1393813-5
V23054-E3020-F110
5A, size III
24VDC
15.5/39VDC
4 form C, 4 CO
Single
Dust protected
1-1393814-0
V23062-AXXXX, standard, size I
V23062-A0014-C404
Standard, size I
76VDC
32/110VDC
2 form C, 2 CO
Bifurcated
Herm. sealed
1393815-1
V23062-A0025-C104
Standard, size I
28VDC
15/40VDC
2 form C, 2 CO
Bifurcated
Herm. sealed
1393815-2
V23062-A0046-C104
Standard, size I
29VDC
13/43VDC
2 form C, 2 CO
Bifurcated
Herm. sealed
1393815-3
V23062-BXXXX, standard, size II
V23062-B0019-C410
Standard, size II
20VDC
13/31VDC
4 form C, 4 CO
Bifurcated
Herm. sealed
1393815-4
V23062-B0020-C110
Standard, size II
24VDC
15.5/39VDC
4 form C, 4 CO
Bifurcated
Herm. sealed
1393815-5
V23062-B0022-C110
Standard, size II
45VDC
29/66VDC
4 form C, 4 CO
Bifurcated
Herm. sealed
1393815-7
V23062-B0026-B610
Standard, size II
60VDC
29/94VDC
4 form C, 4 CO
Single
Herm. sealed
1393815-8
V23062-BXXXX, 5A, size II
V23062-B1004-F104
5A, size II
110VDC
53.5/145VDC
2 form C, 2 CO
Single
Herm. sealed
1-1393815-1
V23062-B1026-F104
5A, size II
60VDC
36/94VDC
2 form C, 2 CO
Single
Herm. sealed
1-1393815-7


Số phần tương tự - 3-1419137-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
3-1419104-2 TEC-3-1419104-2 Datasheet
736Kb / 4P
   Plastic sealed case available
3-1419104-2 TEC-3-1419104-2 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
3-1419104-3 TEC-3-1419104-3 Datasheet
736Kb / 4P
   Plastic sealed case available
3-1419104-3 TEC-3-1419104-3 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
3-1419104-6 TEC-3-1419104-6 Datasheet
736Kb / 4P
   Plastic sealed case available
More results

Mô tả tương tự - 3-1419137-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
V23054 TEC-V23054 Datasheet
880Kb / 7P
   Strong magnet system and wide voltage range
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
logo
Pepperl+Fuchs Inc.
MT01 PF-MT01 Datasheet
2Mb / 2P
   Magnet system tester
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
   PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com