công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8-1415053-1 bảng dữ liệu(PDF) 3 Page - TE Connectivity Ltd

tên linh kiện 8-1415053-1
Giải thích chi tiết về linh kiện  4 pole relay with force guided contacts according to EN 50205
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1415053-1 bảng dữ liệu(HTML) 3 Page - TE Connectivity Ltd

  8-1415053-1 Datasheet HTML 1Page - TE Connectivity Ltd 8-1415053-1 Datasheet HTML 2Page - TE Connectivity Ltd 8-1415053-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR4 D/M (Continued)
Product code
Type
Contact arrangement Contact material
Coil
Part number
SR4D4005
4 pole
2 form A + 2 form B,
AgSnO2
5VDC
7-1415054-1
SR4D4006
relay with
2 NO + 2 NC
6VDC
8-1415054-1
SR4D4009
force guided contacts
contacts
9VDC
9-1415054-1
SR4D4012
12VDC
1415055-1
SR4D4018
18VDC
1-1415055-1
SR4D4021
21VDC
2-1415055-1
SR4D4024
24VDC
3-1415055-1
SR4D4036
36VDC
4-1415055-1
SR4D4040
40VDC
5-1415055-1
SR4D4048
48VDC
6-1415055-1
SR4D4060
60VDC
7-1415055-1
SR4D4085
85VDC
8-1415055-1
SR4D4110
110VDC
9-1415055-1
SR4M4005
3 form A + 1 form B,
5VDC
5-1415053-1
SR4M4006
3 NO + 1 NC
6VDC
6-1415053-1
SR4M4009
contacts
9VDC
7-1415053-1
SR4M4012
12VDC
8-1415053-1
SR4M4018
18VDC
9-1415053-1
SR4M4021
21VDC
1415054-1
SR4M4024
24VDC
4-1415053-1
SR4M4036
36VDC
1-1415054-1
SR4M4040
40VDC
2-1415054-1
SR4M4048
48VDC
3-1415054-1
SR4M4060
60VDC
4-1415054-1
SR4M4085
85VDC
5-1415054-1
SR4M4110
110VDC
6-1415054-1


Số phần tương tự - 8-1415053-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
8-1415053-1 TEC-8-1415053-1 Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
8-1415053-1 TEC-8-1415053-1 Datasheet
311Kb / 3P
   Force Guided Relay SR4 D/M
More results

Mô tả tương tự - 8-1415053-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR2M TEC-SR2M Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com