công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0-1432445-1 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
0-1432445-1 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
6 / 6 page VKP (Open – Sealed) PCB Relays Single Relays Catalog 1308028-2 Revised 6-2009 All specifications subject to change. Consult Tyco Electronics for latest specifications. 161 Standard Delivery Packs (orders in multiples of delivery pack) VKP: 525 pieces Coil Data Rated Coil Coil Resistance Must Must Allowable Overdrive1) for Voltage ±10% Operate Voltage Release Voltage Voltage (V) VKP (V) (Ω) (V) (V) at 23°C at 85°C VKP-**F** 2) 12 90 6.8 1.2 19.6 14.3 VKP-**H** 2) 24 362 13.9 2.4 39.3 28.6 1) Allowable overdrive is stated with no load applied and minimum coil resistance. 2) On request. Part Numbers (see table below for coil data) Contact Contact Enclosure Applications Relay Description Part Number Arrangement Material VKP-11F42 3-1393277-7 1 Form A AgNi0.15 Open General automotive loads VKP-11H42 5-1419148-4 1 Form A AgNi0.15 Open General automotive loads VKP-15F42 0-1393278-1 1 Form C AgNi0.15 Open General automotive loads VKP-15H42 5-1393277-5 1 Form C AgNi0.15 Open General automotive loads VKP-15F52 5-1393277-1 1 Form C AgSnO2 Open High inrush loads VKP-31F42 0-1393277-1 1 Form A AgNi0.15 Sealed General automotive loads VKP-31H42 0-1393277-2 1 Form A AgNi0.15 Sealed General automotive loads VKP-35F42 0-1393277-3 1 Form C AgNi0.15 Sealed General automotive loads VKP-35H42 7-1393277-9 1 Form C AgNi0.15 Sealed General automotive loads VKP-31F52 6-1393277-2 1 Form A AgSnO2 Sealed High inrush loads VKP-31H52 0-1432198-1 1 Form A AgSnO2 Sealed High inrush loads VKP-35F52 7-1393277-3 1 Form C AgSnO2 Sealed High inrush loads VKP-35H52 0-1432197-1 1 Form C AgSnO2 Sealed High inrush loads VKP-11F72 0-1432444-1 1 Form A Special AgSnO2 Open Flashing lamp loads VKP-15F72 0-1432445-1 1 Form C Special AgSnO2 Open Flashing lamp loads VKP-31F72 0-1432413-1 1 Form A Special AgSnO2 Sealed Flashing lamp loads VKP-35F72 0-1432438-1 1 Form C Special AgSnO2 Sealed Flashing lamp loads Environmental Conditions Temperature range, storage Refer to Storage in the “Glossary” catalog page 23 or http://relays.tycoelectronics.com/appnotes/ Test Relevant standard Testing as per Dimension Comments Vibration resistance 1.27 mm double amplitude 10 - 40 Hz Valid for NC contacts. 5 g constant 40 - 70 Hz NO contacts are 0.5 mm double amplitude 70 - 100 Hz significantly higher 10 g constant 100 - 500 Hz Shock resistance Half sine wave pulse 11 ms No change in the 20 g switching state > 10 μs Jump start 24 V for 5 minutes conducting nominal current at 23°C Drop test Capable of meeting specifications after 1.0 m (3.28 ft) drop onto concrete in final enclosure Flammability UL94-HB or better, internal parts (meets FMVSS 302) Ordering Information Coil Versions |
Số phần tương tự - 0-1432445-1 |
|
Mô tả tương tự - 0-1432445-1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |