công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0-1432444-1 bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện 0-1432444-1
Giải thích chi tiết về linh kiện  Limiting continuous current 32 A at 85째C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

0-1432444-1 bảng dữ liệu(HTML) 6 Page - Tyco Electronics

  0-1432444-1 Datasheet HTML 1Page - Tyco Electronics 0-1432444-1 Datasheet HTML 2Page - Tyco Electronics 0-1432444-1 Datasheet HTML 3Page - Tyco Electronics 0-1432444-1 Datasheet HTML 4Page - Tyco Electronics 0-1432444-1 Datasheet HTML 5Page - Tyco Electronics 0-1432444-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
161
Standard Delivery Packs (orders in multiples of delivery pack)
VKP:
525 pieces
Coil Data
Rated Coil
Coil Resistance
Must
Must
Allowable Overdrive1)
for
Voltage
±10%
Operate Voltage
Release Voltage
Voltage (V)
VKP
(V)
(Ω)
(V)
(V)
at 23°C
at 85°C
VKP-**F** 2)
12
90
6.8
1.2
19.6
14.3
VKP-**H** 2)
24
362
13.9
2.4
39.3
28.6
1) Allowable overdrive is stated with no load applied and minimum coil resistance.
2) On request.
Part Numbers
(see table below for coil data)
Contact
Contact
Enclosure
Applications
Relay Description
Part Number
Arrangement
Material
VKP-11F42
3-1393277-7
1 Form A
AgNi0.15
Open
General automotive loads
VKP-11H42
5-1419148-4
1 Form A
AgNi0.15
Open
General automotive loads
VKP-15F42
0-1393278-1
1 Form C
AgNi0.15
Open
General automotive loads
VKP-15H42
5-1393277-5
1 Form C
AgNi0.15
Open
General automotive loads
VKP-15F52
5-1393277-1
1 Form C
AgSnO2
Open
High inrush loads
VKP-31F42
0-1393277-1
1 Form A
AgNi0.15
Sealed
General automotive loads
VKP-31H42
0-1393277-2
1 Form A
AgNi0.15
Sealed
General automotive loads
VKP-35F42
0-1393277-3
1 Form C
AgNi0.15
Sealed
General automotive loads
VKP-35H42
7-1393277-9
1 Form C
AgNi0.15
Sealed
General automotive loads
VKP-31F52
6-1393277-2
1 Form A
AgSnO2
Sealed
High inrush loads
VKP-31H52
0-1432198-1
1 Form A
AgSnO2
Sealed
High inrush loads
VKP-35F52
7-1393277-3
1 Form C
AgSnO2
Sealed
High inrush loads
VKP-35H52
0-1432197-1
1 Form C
AgSnO2
Sealed
High inrush loads
VKP-11F72
0-1432444-1
1 Form A
Special AgSnO2
Open
Flashing lamp loads
VKP-15F72
0-1432445-1
1 Form C
Special AgSnO2
Open
Flashing lamp loads
VKP-31F72
0-1432413-1
1 Form A
Special AgSnO2
Sealed
Flashing lamp loads
VKP-35F72
0-1432438-1
1 Form C
Special AgSnO2
Sealed
Flashing lamp loads
Environmental Conditions
Temperature range, storage
Refer to
Storage in the “Glossary” catalog page 23 or http://relays.tycoelectronics.com/appnotes/
Test
Relevant standard
Testing as per
Dimension
Comments
Vibration resistance
1.27 mm double amplitude
10 - 40 Hz
Valid for NC contacts.
5 g constant
40 - 70 Hz
NO contacts are
0.5 mm double amplitude
70 - 100 Hz
significantly higher
10 g constant
100 - 500 Hz
Shock resistance
Half sine wave pulse
11 ms
No change in the
20 g
switching state > 10 μs
Jump start
24 V for 5 minutes conducting nominal current at 23°C
Drop test
Capable of meeting specifications after 1.0 m (3.28 ft) drop onto concrete in final enclosure
Flammability
UL94-HB or better, internal parts (meets FMVSS 302)
Ordering Information
Coil Versions


Số phần tương tự - 0-1432444-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
0-1432219-1 MACOM-0-1432219-1 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
More results

Mô tả tương tự - 0-1432444-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com