công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0-1393277-2 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện 0-1393277-2
Giải thích chi tiết về linh kiện  Limiting continuous current 32 A at 85째C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

0-1393277-2 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  0-1393277-2 Datasheet HTML 1Page - Tyco Electronics 0-1393277-2 Datasheet HTML 2Page - Tyco Electronics 0-1393277-2 Datasheet HTML 3Page - Tyco Electronics 0-1393277-2 Datasheet HTML 4Page - Tyco Electronics 0-1393277-2 Datasheet HTML 5Page - Tyco Electronics 0-1393277-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
156
Features
– Limiting continuous
current 32 A at 85°C
– Wide voltage range
Typical Applications
– ABS control
– Blower fans
– Car alarm
– Cooling fan
– Engine control
– Fuel pump
– Hazard warning signal
– Heated front screen
– Heated rear screen
– Ignition
– Lamps front, rear, fog light
– Interior lights
– Main switch/supply relay
– Seat control
– Seatbelt pretensioner
– Sun roof
– Turn signal
– Valves
– Window lifter
– Wiper control
Please contact Tyco Electronics
for relay application support.
Design
– ELV compliant
– Open: flux tight type
– Sealed: washable type
Weight
– Approx. 19 g (0.67 oz.)
open version
– Approx. 22 g (0.77 oz.)
sealed version
Nominal Voltage
12 V or 24 V
Terminals
PCB terminals, for assembly on
printed circuit boards
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23°C ambient temperature,
20 - 50% RH, 998.9 ±33.9 hPa.
For general storage and processing
recommendations please refer to our
Application Notes and especially to
Storage in the “Glossary” page 23 or
at http://relays.tycoelectronics.com/
appnotes/
VKP_3d01
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the
relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request
our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without notification.
All rights of Tyco Electronics are reserved.


Số phần tương tự - 0-1393277-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
0-1393230-3 MACOM-0-1393230-3 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-4 MACOM-0-1393230-4 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-5 MACOM-0-1393230-5 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-6 MACOM-0-1393230-6 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-7 MACOM-0-1393230-7 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
More results

Mô tả tương tự - 0-1393277-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com