công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB0565A bảng dữ liệu(PDF) 1 Page - TT Electronics.

tên linh kiện CB0565A
Giải thích chi tiết về linh kiện  Excellent high frequency performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CB0565A bảng dữ liệu(HTML) 1 Page - TT Electronics.

  CB0565A Datasheet HTML 1Page - TT Electronics. CB0565A Datasheet HTML 2Page - TT Electronics. CB0565A Datasheet HTML 3Page - TT Electronics. CB0565A Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHScompliantterminationsavailable
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CHC Series Issue April 2011 Sheet 1 of 4
Package
Resistance
Range (Ω)
Absolute
Tolerances
Absolute TCR
Package Power
Rating 70°C*
Element Power
Rating 70°C*
Operating
Temperature
CB0565A
10R to 4.7K
±1%, ±2%
±100ppm/°C
0.6W
0.1W
-40°C to +85°C
10R to 10.0K
±5%
CB0565B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0865A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0865B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD1065A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.6W
10R to 10.0K
±5%
CD1065B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CC0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CC0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
Electrical Data
*Rated power is from 0°C to 70°C derated linearly to 0W at 85°C.
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHS compliant terminations available
IRC’s Chipscale on ceramic CHC offers high performance terminal
solutions in a small surface mount package. Sn/Pb solder balls
placed on a ceramic substrate permit very low parasitic inductance and
capacitance. This improves speeds, lowers propagation delays, and reduces ground bounce. IRC’s proven
tantalum nitride thin film technology can handle the most demanding applications.
For all of your high density, small footprint termination needs, use IRC’s CHC Termination arrays.
High
purity alumina
substrate
Ball grid
terminations
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CHC Series Issue April 2011 Sheet 1 of 4
Package
Resistance
Range (Ω)
Absolute
Tolerances
Absolute TCR
Package Power
Rating 70°C*
Element Power
Rating 70°C*
Operating
Temperature
CB0565A
10R to 4.7K
±1%, ±2%
±100ppm/°C
0.6W
0.1W
-40°C to +85°C
10R to 10.0K
±5%
CB0565B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0865A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0865B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD1065A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.6W
10R to 10.0K
±5%
CD1065B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CC0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CC0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
Electrical Data
*Rated power is from 0°C to 70°C derated linearly to 0W at 85°C.
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHS compliant terminations available
IRC’s Chipscale on ceramic CHC offers high performance terminal
solutions in a small surface mount package. Sn/Pb solder balls
placed on a ceramic substrate permit very low parasitic inductance and
capacitance. This improves speeds, lowers propagation delays, and reduces ground bounce. IRC’s proven
tantalum nitride thin film technology can handle the most demanding applications.
For all of your high density, small footprint termination needs, use IRC’s CHC Termination arrays.
High
purity alumina
substrate
Ball grid
terminations
High
purity alumina
substrate
Ball grid
terminations
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Số phần tương tự - CB0565A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
CB0565A TTELEC-CB0565A Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
More results

Mô tả tương tự - CB0565A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linx Technologies
ANT-DB1-LP-RM-01-N LINX-ANT-DB1-LP-RM-01-N Datasheet
444Kb / 2P
   Excellent performance over common frequency antennas
2/20/2018
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
KOA Speer Electronics, ...
KL731JTTE8N2G KOA-KL731JTTE8N2G Datasheet
545Kb / 4P
   Excellent for high frequency applications
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com