công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L-1043YD bảng dữ liệu(PDF) 1 Page - Kingbright Corporation

tên linh kiện L-1043YD
Giải thích chi tiết về linh kiện  3.65x6.15mm SINGLE CHIP LED LIGHT BARS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGBRIGHT [Kingbright Corporation]
Trang chủ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-1043YD bảng dữ liệu(HTML) 1 Page - Kingbright Corporation

  L-1043YD Datasheet HTML 1Page - Kingbright Corporation L-1043YD Datasheet HTML 2Page - Kingbright Corporation L-1043YD Datasheet HTML 3Page - Kingbright Corporation L-1043YD Datasheet HTML 4Page - Kingbright Corporation L-1043YD Datasheet HTML 5Page - Kingbright Corporation L-1043YD Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Package Dimensions
Description
The Green and Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Orange Light
Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Super Bright Red source color devices are made with Gallium
Aluminum Arsenide Red Light Emitting Diode.
Features
l
FLAT RECTANGULAR LIGHT EMITTING SURFACE.
l
SINGLE & DUAL COLORS.
l
THIRD (MIXED) COLOR AVAILABLE FOR 3 LEADS
VERSION.
l
IDEAL AS FLUSH MOUNTED PANEL INDICATORS.
l
EXCELLENT ON/OFF CONTRAST.
l
LONG LIFE - SOLID STATE RELIABILITY.
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.*Luminous intensity with asterisk is measured at 20mA.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01")unlessotherwisenoted.
3. Lead spacing is measured where the lead emer-
ge package.
4. Specifications are subjected to change without notice.
Kingbright
®
Part No.
Dice
Lens Type
Iv (mcd)
@ 10 mA
Viewing
Angle
Min.
Max.
2θ1/2
L-1043ID
HIGH EFFICIENCY RED (GaAsP/GaP)
RED DIFFUSED
5
20
100°
L-1043GD
GREEN (GaP)
GREEN DIFFUSED
2
8
100°
L-1043YD
YELLOW (GaAsP/GaP)
YELLOW DIFFUSED
2
8
100°
L-1043SRD
SUPER BRIGHT RED (GaAlAs)
RED DIFFUSED
*32
*100
100°
L-1043SGD
SUPER BRIGHT GREEN (GaP)
GREEN DIFFUSED
*5
*12.5
100°
L-1049EGW
HIGH EFFICIENCY RED (GaAsP/GaP)
WHITE DIFFUSED
*8
*20
100°
GREEN (GaP)
*2
*8
100°
L-1049SRSGW-CC
SUPER BRIGHT RED (GaAlAs)
WHITE DIFFUSED
*32
*100
100°
SUPER BRIGHT GREEN (GaP)
*20
*50
100°
3.65x6.15mm SINGLE CHIP LED LIGHT BARS
L-1043I HIGH EFFICIENCY RED
L-1043G GREEN
L-1043SR SUPER BRIGHT RED
L-1043Y YELLOW
L-1043SG SUPER BRIGHT GREEN
L-1049EG HIGH EFFICIENCY RED / GREEN
L-1049SRSG SUPER BRIGHT RED / SUPER BRIGHT GREEN


Số phần tương tự - L-1043YD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingbright Corporation
L-1002 KINGBRIGHT-L-1002 Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002GD KINGBRIGHT-L-1002GD Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002HD KINGBRIGHT-L-1002HD Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002ID KINGBRIGHT-L-1002ID Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
L-1002YD KINGBRIGHT-L-1002YD Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
More results

Mô tả tương tự - L-1043YD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kingbright Corporation
WP1043YD KINGBRIGHT-WP1043YD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043ID KINGBRIGHT-WP1043ID Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
SunLED Corporation
EMG21D SUNLED-EMG21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUY21D SUNLED-EUY21D Datasheet
185Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EUR21D SUNLED-EUR21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
EMR21D SUNLED-EMR21D Datasheet
183Kb / 4P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
Kingbright Corporation
WP1043GD KINGBRIGHT-WP1043GD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SGD KINGBRIGHT-WP1043SGD Datasheet
416Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
WP1043SRD KINGBRIGHT-WP1043SRD Datasheet
417Kb / 6P
   3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com