công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTBH0N25L3 bảng dữ liệu(PDF) 2 Page - Cystech Electonics Corp.

tên linh kiện MTBH0N25L3
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBH0N25L3 bảng dữ liệu(HTML) 2 Page - Cystech Electonics Corp.

  MTBH0N25L3 Datasheet HTML 1Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 2Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 3Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 4Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 5Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 6Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 7Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 8Page - Cystech Electonics Corp. MTBH0N25L3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C895L3
Issued Date : 2016.11.26
Revised Date :
Page No. : 2/9
MTBH0N25L3
Preliminary
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
250
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ TA=25
°C, VGS=10V
1.2
Continuous Drain Current @ TA=70
°C, VGS=10V
ID
0.96
Pulsed Drain Current *1
IDM
8
Avalanche Current @ L=0.1mH
IAS
5
A
Avalanche Energy @ L=0.1mH, ID=5A, RG=25Ω
EAS
1.25
Repetitive Avalanche Energy @ L=0.05mH *2
EAR
0.625
mJ
Total Power Dissipation @TA=25℃
2.5
Total Power Dissipation @TA=70℃
PD
1.6
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle ≤ 1%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
16.7
Thermal Resistance, Junction-to-ambient, max
RθJA
50 (Note)
°C/W
Note : When mounted on a 1 in
2 pad of 2 oz. copper.
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
250
-
-
VGS=0V, ID=250μA
VGS(th)
1
-
2.5
V
VDS =VGS, ID=250μA
GFS *1
-
4
-
S
VDS =10V, ID=1A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
1
VDS =200V, VGS =0V
IDSS
-
-
25
μA
VDS =200V, VGS =0V, Tj=125
°C
-
722
920
VGS =10V, ID=1A
RDS(ON) *1
-
732
980
VGS =4.5V, ID=1A
Dynamic
Qg *1, 2
-
12.3
18
Qgs *1, 2
-
1.5
2.5
Qgd *1, 2
-
3.5
5.5
nC
VDS=200V, VGS=10V, ID=1A
td(ON) *1, 2
-
6.6
10
tr
*1, 2
-
16
24
td(OFF) *1, 2
-
29.6
44
tf *1, 2
-
23
35
ns
VDS=12V, ID=1A, VGS=10V,
RG=6Ω


Số phần tương tự - MTBH0N25L3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MTBH0N25J3 CYSTEKEC-MTBH0N25J3 Datasheet
433Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTBH0N25J3-0-T3-G CYSTEKEC-MTBH0N25J3-0-T3-G Datasheet
433Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - MTBH0N25L3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com