công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTB04N03Q8 bảng dữ liệu(PDF) 9 Page - Cystech Electonics Corp.

tên linh kiện MTB04N03Q8
Giải thích chi tiết về linh kiện  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03Q8 bảng dữ liệu(HTML) 9 Page - Cystech Electonics Corp.

  MTB04N03Q8_15 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03Q8_15 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C789Q8
Issued Date : 2011.12.16
Revised Date : 2015.10.05
Page No. : 9/9
MTB04N03Q8
CYStek Product Specification
SOP-8 Dimension
Marking:
Device Name
Date Code
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
E
3.800
4.000
0.150
0.157
A1
0.100
0.250
0.004
0.010
E1
5.800
6.200
0.228
0.244
A2
1.350
1.550
0.053
0.061
e
1.270 (BSC)
0.050 (BSC)
b
0.330
0.510
0.013
0.020
L
0.400
1.270
0.016
0.050
c
0.170
0.250
0.006
0.010
θ
0
0
D
4.700
5.100
0.185
0.200
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Số phần tương tự - MTB04N03Q8_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
317Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Mô tả tương tự - MTB04N03Q8_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com