công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H.FL-R-SMT(C)(10) bảng dữ liệu(PDF) 3 Page - Hirose Electric

tên linh kiện H.FL-R-SMT(C)(10)
Giải thích chi tiết về linh kiện  75 廓 Small Coaxial Connectors (SMT Low Profi le)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H.FL-R-SMT(C)(10) bảng dữ liệu(HTML) 3 Page - Hirose Electric

  H.FL-R-SMT(C)(10) Datasheet HTML 1Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 2Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 3Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 4Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 5Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
H.FL75 Series75
Ω Small Coaxial Connectors (SMT Low Profile)
Ø0.5
GND
GND
GND
SIG
Ø2.4
0.6
4.5
5
Standard Tolerances for (L)
L (mm)
Standard Tolerance
(mm)
35 ≦ L ≦ 200
±4
200 < L ≦ 500
±8
500 < L ≦ 1000
±12
1000 < L
±1.5% of L
Note: 35 mm is the shortest length (L) that can be made.
■Product Number Structure of
Cable Assemblies
Refer to this page when determining product specifications
by model types. Please place orders with part numbers
listed in this catalog. The characteristics and specifications
of the product described in this catalog are reference
values. Please make sure to check the latest delivery
specifications at the time of product use.
H.FL75 -「」LPG -「」-A- (L)
❶❷
Series name
H.FL75
Assembly type
None: Single-ended,
2: Double-ended
Cable type
084N: for Ø1.5 mm cable
Cable color
1: White, 2: Black, 4: Blue
Total length L (mm)
L length in mm
■How to Specify Plug Cable Assembly
The dimensions of a cable assembly of the H.FL75 series should be specified as follows:
[Single-Ended Cable Assembly]
[Double-Ended Cable Assembly]
Lmm
Lmm
Note 1: Receptacles that are specified by (01) are sold in 100 piece packs.
Please order in full pack quantities.
Note 2: Receptacles that are specified by (10) are sold in full reel
quantities, each reel contains 2,500 pieces.
Please order in full reel quantities.
Note 3: This area may be covered by insulating material.
Note 4: The H.FL-R-SMT (C) (10) comes equipped with a cap that
allows it to be mounted by almost any pick and place machine.
Remove cap after the reflow process.
Part No.
HRS No.
Packaging
Remarks
H.FL-R-SMT
(01)
CL331-0521-6-01
100 pieces per pack
H.FL-R-SMT
(10)
CL331-0521-6-10
2,500 pieces per reel
H.FL-R-SMT
(C)(10)
CL331-0522-9-10
2,500 pieces per reel
With caps
■Receptacle
Cap
With cap
installed
3-1.2±0.05
2±0.05
1.2±0.05
3.1±0.05
3.1±0.05
GND
GND
GND
SIG
Recommended PCB
layout dimensions


Số phần tương tự - H.FL-R-SMT(C)(10)

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
304Kb / 6P
   HRS H.FL SERIES
More results

Mô tả tương tự - H.FL-R-SMT(C)(10)

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com