công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U.FL-LP-IN bảng dữ liệu(PDF) 3 Page - Hirose Electric

tên linh kiện U.FL-LP-IN
Giải thích chi tiết về linh kiện  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-IN bảng dữ liệu(HTML) 3 Page - Hirose Electric

  U.FL-LP-IN Datasheet HTML 1Page - Hirose Electric U.FL-LP-IN Datasheet HTML 2Page - Hirose Electric U.FL-LP-IN Datasheet HTML 3Page - Hirose Electric U.FL-LP-IN Datasheet HTML 4Page - Hirose Electric U.FL-LP-IN Datasheet HTML 5Page - Hirose Electric U.FL-LP-IN Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
N.FL Series
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
How To Specify Cable Assembly
Ordering Information
Standard tolerances for (L)
■Cable Assembly(Plug)
N.FL - 2LP HF6 - 04N
「」TV -A - L
[Double-ended cable assembly]
[Single-ended cable assembly]
Ordering Information
Series name
N.FL
Assembly type
LP : Single ended
2LP : Double ended
Environmental compliant
HF6 : Halogen-free plug
6 : Standard Plug
Cable type
04N : 0.81mm dia. ultra-time coaxial cable
Cable color
1:White 2:Black
Cable outer conductor
TV: Tin plated braided wire
Total length (mm)
Length(L)
(L)mm
Standard Tolerance(mm)
*L=35 to 200
±4
*L=200 to 500
±8
*L=500 to 1000
±12
L=Longer than 1000
±1.5% of (L)
3.4
Note: Minimum available length(L) is 35mm.
L
L
N.FL-LP-040(06), N.FL-LP-040HF(06)(Applicable cable: outer diameter 0.81)
[Plugs can be ordered only as terminated cable assemblies]
Used Plug: N.FL-LP-040(06), N.FL-LP-040HF(06)
Double-
Ended
Single-
Ended
N.FL - LP
HF6 - 04N
「」TV -A - L
Ordering Information
L(mm)
L(mm)


Số phần tương tự - U.FL-LP-IN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
U.FL-LP-040 HIROSE-U.FL-LP-040 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-040 HIROSE-U.FL-LP-040 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-04N1-A-(L) HIROSE-U.FL-LP-04N1-A-(L) Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-04N1T-A-L HIROSE-U.FL-LP-04N1T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-04N2-A-(L) HIROSE-U.FL-LP-04N2-A-(L) Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results

Mô tả tương tự - U.FL-LP-IN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
   Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Hirose Electric
C.FL HIROSE-C.FL Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com