công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U.FL-LP-IN bảng dữ liệu(PDF) 1 Page - Hirose Electric

tên linh kiện U.FL-LP-IN
Giải thích chi tiết về linh kiện  Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-IN bảng dữ liệu(HTML) 1 Page - Hirose Electric

  U.FL-LP-IN Datasheet HTML 1Page - Hirose Electric U.FL-LP-IN Datasheet HTML 2Page - Hirose Electric U.FL-LP-IN Datasheet HTML 3Page - Hirose Electric U.FL-LP-IN Datasheet HTML 4Page - Hirose Electric U.FL-LP-IN Datasheet HTML 5Page - Hirose Electric U.FL-LP-IN Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height
N.FL Series
2014.10
w
Features
1. Low profile
Nominal mated height is 1.4 mm (Max. 1.5 mm)
2. Small size: 7.7 mm2
3. Light weight
Receptacle : 14 mg
Plug
: 28 mg
4. Accepts high frequency transmission
of DC to 6 GHz.
V.S.W.R. = 1.3 max. (DC to 6 GHz)
5. Board placement with automatic equipment
Receptacles are packaged in embossed carrier
tape and reel for automatic mounting.
6. Plugs are terminated with ultra-fine
coaxial (fluorinated resin insulated) cable.
7. Special tool for an extraction
8. Verification of the fully mated condition
Tactile click sensation confirms fully mated
condition, assuring complete electrical and
mechanical connection
.
9. Halogen-free*(Receptacle, plug(HF type))
*As defined by IEC61249-2-21
Br-900 ppm maximum, Cl-900 ppm maximum,
Cl+Br combined - 1,500 ppm maximum
Applications
Mobile phones, wireless communication devices,
electronic measuring instruments, GPS, wireless
LAN, Bluetooth and any application requiring high
frequency transmission using small coaxial
connectors.
3.4
N.FL-LP-040*
Cable
N.FL-R-SMT-1
Plug
Receptacle
N.FL
U.FL-LP(V)
●Mated height comparison (With U.FL-LP(V) )
●N.FL Plug and Receptacle
Fig.1
Fig.2


Số phần tương tự - U.FL-LP-IN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
U.FL-LP-040 HIROSE-U.FL-LP-040 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-040 HIROSE-U.FL-LP-040 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-04N1-A-(L) HIROSE-U.FL-LP-04N1-A-(L) Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-04N1T-A-L HIROSE-U.FL-LP-04N1T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-04N2-A-(L) HIROSE-U.FL-LP-04N2-A-(L) Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results

Mô tả tương tự - U.FL-LP-IN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
X.FL HIROSE-X.FL Datasheet
965Kb / 8P
   Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Hirose Electric
C.FL HIROSE-C.FL Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6