công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W.FL-R-SMT-1(60) bảng dữ liệu(PDF) 2 Page - Hirose Electric

tên linh kiện W.FL-R-SMT-1(60)
Giải thích chi tiết về linh kiện  Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-SMT-1(60) bảng dữ liệu(HTML) 2 Page - Hirose Electric

  W.FL-R-SMT-1(60) Datasheet HTML 1Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 2Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 3Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 4Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 5Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 6Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 7Page - Hirose Electric W.FL-R-SMT-1(60) Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
W.FL Series
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
Note1: Measurement way of a W.FL Cable assembly (plug)
W.FL Cable assembly (plug) is measured with SMA conversion
adapters mated with W.FL plugs at both ends of a 100cm coaxial
cable harness
Note2: Measurement way of a W.FL receptacle
W.FL receptacle, which is mounted on a 50 ohms glass epoxy board,
is measured with a SMA conversion adapter.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
■Specifications
Rating
Nominal characteristic impedance
50 ohms
Operating temperature range
-40°C to +90°C
(90% RH max.)
Frequency range
DC to 6 GHz
Storage temperature range
-30°C to +70°C
(90% RH max.)
Item
Specification
Conditions
1. Contact resistance
Center contact: 20m ohms max.
Outer contact: 10m ohms max.
10mA max.
2. Insulation resistance
500M ohms min.
100V DC
3. Withstanding voltage
No flashover or insulation breakdown
200V AC / 1 minute
4. V.S.W.R.*
1.3 Max.
1.4 Max.
Up to 3 GHz
3 to 6 GHz
*V.S.W.R. Measurement System
Measured as shown on the block diagram below.
■Materials
●Plug – right angle
Part
Material
Finish / Remarks
Shell
Phosphor bronze
Silver plated
Female center contact
Phosphor bronze
Gold plated
Insulator
PBT
Color: Black, UL94V-0(040)
Color: Gray, UL94V HB(040HF, 062HF)
●Receptacle
Part
Material
Finish / Remarks
Shell
Phosphor bronze
Silver plated
Insulator
LCP
Color: Black, UL94V-0
Male center contact
Brass
Gold plated
■Cable Assembly(Plug)
W.FL-LP-040(06), W.FL-LP-040HF(06) (Applicable cable: outer diameter 0.81)
2.85
W.FL-LP-062HF(06) (Applicable cable: outer diameter 1.0)
[Plugs can be ordered only as terminated cable assemblies.]


Số phần tương tự - W.FL-R-SMT-1(60)

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W.FL-R-SMT-110 HIROSE-W.FL-R-SMT-110 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-140 HIROSE-W.FL-R-SMT-140 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results

Mô tả tương tự - W.FL-R-SMT-1(60)

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com