công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3916N-1 bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3916N-1
Giải thích chi tiết về linh kiện  Dot/Bar Display Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916N-1 bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3916N-1 Datasheet HTML 7Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 8Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 9Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 10Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 11Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 12Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 13Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 14Page - National Semiconductor (TI) LM3916N-1 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Application Hints (Continued)
Peak Program Meter
The VU meter, originally intended for signals sent via tele-
phone lines, has shortcomings when used in high fidelity
systems. Due to its slow response time, a VU meter will not
accurately display transients that can saturate a magnetic
tape or drive an amplifier into clipping. The fast-attack peak
program meter (PPM) which does not have this problem is
becoming increasingly popular.
While several European organizations have specifications
for peak program meters, the German DIN specification
45406 is becoming a de facto standard. Rather than respond
instantaneously to peak, however, PPM specifications re-
quire a finite “integration time” so that only peaks wide
enough to be audible are displayed. DIN 45406 calls for a re-
sponse of 1 dB down from steady-state for a 10 ms tone
burst and 4 dB down fora3ms tone burst. These require-
ments are consistent with the other frequently encountered
spec of 2 dB down fora5ms burst and are met by an attack
time constant of 1.7 ms.
The specified return time of 1.5s to −20 dB requires a
650 ms decay time constant. The full-wave peak detector of
Figure 6 satisfies both the attack and decay time criteria.
Cascading The LM3916
The LM3916 by itself covers the 23 dB range of the conven-
tional VU meter. To display signals of 40 dB or 70 dB dy-
namic range, the LM3916 may be cascaded with the 3 dB/
step LM3915s. Alternatively, two LM3916s may be cascaded
for increased resolution over a 28 dB range. Refer to the Ex-
tended Range VU Meter and High Resolution VU Meter in
the Typical Applications section for the complete circuits for
both dot and bar mode displays.
To obtain a display that makes sense when an LM3915 and
an LM3916 are cascaded, the −20 dB output from the
LM3916 is dropped. The full-scale display for the LM3915 is
set at 3 dB below the LM3916’s −10 dB output and the rest
of the thresholds continue the 3 dB/step spacing. A simple,
low cost approach is to set the reference voltage of the two
chips 16 dB apart as in
Figure 5. The LM3915, with pin 8
grounded, runs at 1.25V full-scale. R1 and R2 set the
LM3916’s reference 16 dB higher or 7.89V. Variation in the
two on-chip references and resistor tolerance may cause a
±1 dB error in the −10 dB to −13 dB transition. If this is ob-
jectionable, R2 can be trimmed.
The drawback of the aforementioned approach is that the
threshold of LED #1 on the LM3915 is only 56 mV. Since
comparator offset voltage may be as high as 10 mV, large er-
rors can occur at the first few thresholds. A better approach,
as shown in
Figure 9, is to keep the reference the same for
DS007971-14
Design Equations
GAIN
R5
R6
C2
C3
1
100k
43k
2.0
0.56 µF
10
1M
100k
1.0
0.056 µF
FIGURE 7. Full-Wave Average Detector to VU Meter Specifications*
www.national.com
11


Số phần tương tự - LM3916N-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3916N-1 TI1-LM3916N-1 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3916N-1/NOPB TI1-LM3916N-1/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
More results

Mô tả tương tự - LM3916N-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com