công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3915 bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3915
Giải thích chi tiết về linh kiện  Dot/Bar Display Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3915 bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3915 Datasheet HTML 7Page - National Semiconductor (TI) LM3915 Datasheet HTML 8Page - National Semiconductor (TI) LM3915 Datasheet HTML 9Page - National Semiconductor (TI) LM3915 Datasheet HTML 10Page - National Semiconductor (TI) LM3915 Datasheet HTML 11Page - National Semiconductor (TI) LM3915 Datasheet HTML 12Page - National Semiconductor (TI) LM3915 Datasheet HTML 13Page - National Semiconductor (TI) LM3915 Datasheet HTML 14Page - National Semiconductor (TI) LM3915 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Application Hints (Continued)
CASCADING THE LM3915
To display signals of 60 dB or 90 dB dynamic range, multiple
LM3915s can be easily cascaded. Alternatively, it is possible
to cascade an LM3915 with LM3914s for a log/linear display
or with an LM3916 to get an extended range VU meter.
A simple, low cost approach to cascading two LM3915s is to
set the reference voltages of the two chips 30 dB apart as in
Figure 5. Potentiometer R1 is used to adjust the full scale
voltage of LM3915 #1 to 316 mV nominally while the second
IC’s reference is set at 10V by R4. The drawback of this
method is that the threshold of LED #1 is only 14 mV and,
since the LM3915 can have an offset voltage as high as
10 mV, large errors can occur. This technique is not recom-
mended for 60 dB displays requiring good accuracy at the
first few display thresholds.
A better approach shown in Figure 6 is to keep the reference
at 10V for both LM3915s and amplify the input signal to the
lower LM3915 by 30 dB. Since two 1% resistors can set the
amplifier gain within ±0.2 dB, a gain trim is unnecessary.
However, an op amp offset voltage of 5 mV will shift the first
LED threshold as much as 4 dB, so that an offset trim may
be required. Note that a single adjustment can null out offset
00510411
D1, D2: 1N914 or 1N4148
FIGURE 3. Precision Full-Wave Average Detector
00510412
D1, D2, D3, D4: 1N914 or 1N4148
FIGURE 4. Precision Full-Wave Peak Detector
www.national.com
11


Số phần tương tự - LM3915

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3915 TI-LM3915 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1/NOPB TI1-LM3915N-1/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
More results

Mô tả tương tự - LM3915

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com