công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9-1393211-1 bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd

tên linh kiện 9-1393211-1
Giải thích chi tiết về linh kiện  Meets requirements of UL Class F construction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1393211-1 bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd

  9-1393211-1 Datasheet HTML 1Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 2Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 3Page - TE Connectivity Ltd 9-1393211-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
High Power PCB Relays
T92 Series Two-pole 30A PCB or Panel Mount Relay (Continued)
Potter & Brumfield
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
-55ºC to 85ºC
AC coil
-55ºC to 65ºC
Category of environmental protection
IEC 61810
RTI - dust protected,
RTII - flux proof, RTIII - wash tight
Vibration resistance (functional)
1.65mm max excursions, 10-55 Hz
Shock resistance (functional)
10g for 11msec
Shock resistance (destructive)
100g
Terminal type
PCB-tht or quick connect
Weight
86g
Resistance to soldering heat THT
IEC 60068-2-20
250°C
Packaging/unit
tray/30 pcs., box/120 pcs.
Coil Data (continued)
Ambient temperature vs. coil voltage
Assumptions:
1. Thermal resistance = 35°C per Watt (DC only.)
2. Still air.
3. Nominal coil resistance.
4. Max. mean coil temperature = 155°C (change of resistance method).
5. Coil temperature rise due to load = 6.3°C @ 30 amps.
6. Curves are based on 1.7W at 25°C (DC only.).
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contact
2000Vrms
Initial surge withstand voltage
between contact and coil
6kV
Initial insulation resistance
between insulated elements
1x109
Clearance/creepage
between contact and coil
8mm clearance/9.5mm creepage
Dimensions
T92 – Mounting and termination code 1
T92 – Mounting and termination code 2, 3 and 4
120
100
80
60
40
20
0
90 95 100 105 110 115 120 125 130 135 140 145 150
Applied Coil Voltage (% of Rated Nominal)
DC Coil
0 Amp
Contact
Load
70 75 80 85
DC Coil
30 Amp
Contact
Load
AC Coil
30 A
AC Coil
0 A
2.06 MAX.
(52.32)
1.618 ± .020
(41.10 ± .51)
.585 ± .005
(14.86 ± .13)
.309 ± .005
(7.85 ± .13)
1.36 MAX.
(34.54)
1.21 MAX.
(30.73)
.630 ± .005
(16.00 ± .13)
.156
(3.96)
.250 TYP.
(6.35)
1.000 ± .010
(25.40 ± .25)
.032 TYP.
(0.81)
.047 TYP.
(1.19)
2.700 MAX.
(68.58)
2.05 MAX.
(52.07)
1.618 TYP.
(41.10 ± .51)
.585 ± .005
(14.86 ± .13)
.309 ± .005
(7.85 ± .13)
1.36 MAX.
(34.54)
1.04 MAX.
(26.42)
.630 TYP.
(16.00)
2.345 ± .005
(59.56 ± .13)
.090 RAD.
(2.29)
FOR #8 SCREW
1.495 MAX.
(37.97)


Số phần tương tự - 9-1393211-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
9-1393211-1 TEC-9-1393211-1 Datasheet
789Kb / 5P
   T92 Series Two-pole Power Relay
More results

Mô tả tương tự - 9-1393211-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
   Meets UL Class B 130C UL File number E349541
logo
Grayhill, Inc
70L-ODC GRAYHILL-70L-ODC Datasheet
76Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
70L-IAC GRAYHILL-70L-IAC_10 Datasheet
85Kb / 2P
   Transient Protection: Meets the requirements of IEEE 472
logo
List of Unclassifed Man...
BL600 ETC2-BL600 Datasheet
123Kb / 2P
   Meets Safety Agency Requirements
logo
Pulse A Technitrol Comp...
PE-67300NL PULSE-PE-67300NL Datasheet
59Kb / 1P
   Meets IEC950 insulation requirements
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
J115F2 CIT-J115F2 Datasheet
176Kb / 3P
   UL F class rated standard
J115F1 CIT-J115F1 Datasheet
190Kb / 3P
   UL F class rated standard
J117F CIT-J117F Datasheet
92Kb / 3P
   UL F class rated standard
J115F3 CIT-J115F3 Datasheet
171Kb / 3P
   UL F class rated standard
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com