công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4-1393210-3 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd |
|
4-1393210-3 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd |
1 / 4 page General Purpose Relays Power Relays T9A Series, DC Coil 30A PCB or Panel Mount Relay 09-2015, Rev. 0815 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 Potter & Brumfield Contact ratings 1) (continued) Type Load Cycles UL 508/873 AgSnOInO, 1W coil NO 30A, 240VAC, general purpose 100x103 NO 80LRA/30FLA, 240VAC 30x103 NC 10A, 250VAC, resistive 50x103 AgCdO, 900mW coil NO 30A, 240VAC, general purpose 100x103 NO 18A, 240VAC, resistive, 105°C 100x103 NC 15A, 240VAC, resistive 6x103 NO 30LRA/15FLA, 240VAC 100x103 NO 50LRA/16FLA, 120VAC 100x103 NO 30LRA/11FLA, 120VAC 200x103 1) Contact ratings at 25°C (unless otherwise noteed) with relay properly vented. Remove vent nib after soldering and cleaning. Mechanical endurance 10x106 ops. Coil Data Coil voltage range 5 to 110VDC Max. coil power 110% of nominal Max. coil temperature 155°C Coil insulation system according UL Class F Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% W Code D (1W) coil 5 5 3.75 0.5 25 1 6 6 4.5 0.6 36 1 9 9 6.75 0.9 81 1 12 12 9 1.2 144 1 15 15 11.25 1.5 225 1 18 18 13.5 1.8 324 1 24 24 18 2.4 576 1 48 48 36 4.8 2304 1 110 110 82.5 11 12100 1 Code L (900mW) coil 5 5 3.75 0.5 27 .9 6 6 4.5 0.6 40 .9 9 9 6.75 0.9 97 .9 12 12 9 1.2 155 .9 15 15 11.25 1.5 256 .9 18 18 13.5 1.8 380 .9 24 24 18 2.4 660 .9 48 48 36 4.8 2560 .9 110 110 82.5 11 13450 .9 All figures are given for coil without preenergization, at ambient temperature +23°C. n 30A switching in 1 form A (NO) and 20A in 1 form C (CO) n Plastic sealed case available n Meets UL 508 and 873 spacing - 3.18mm through air, 6.36mm over surface n Option for load connections via 0.250”” (6.35mm) Q.C. terminals n UL class F insulation system standard Typical applications HVAC, Appliances, Industrial Controls Approvals UL E58304; CSA LR48471 Technical data of approved types on request Contact Data Contact arrangement 1 form A (NO), 1 form B (NC), 1 form C (CO) Rated voltage 277VAC Max. switching voltage 277VAC Rated current 30A 15A 20A/10A Limiting continuous current 30A Contact material AgSnOInO, AgCdO Min. recommended contact load 1A, 5VDC or 12VAC Initial contact resistance 75 mΩ at 1A at 5VDC or 12VAC Frequency of operation, with/without load 360/3600hr Operate/release time max., including bounce 15/15ms Contact ratings 1) Type Load Cycles Factory AgCdO, 1W coil NO 30A, 240VAC, general purpose 100x103 NO 25A, 240VAC, resistive 100x103 CO 20A/10A, 240VAC, general purpose 100x103 CO 20A/10A, 240VAC, resistive 100x103 CO 20A/10A, 28VDC, resistive 100x103 UL 508/873 AgCdO, 1W coil NO 30A, 240VAC, general purpose 100x103 NC 15A, 240VAC, general purpose 100x103 CO 20A/10A, 240VAC, general purpose 100x103 NC 20A, 240VAC, resistive 6x103 CO 16.75A/13.4A, 240VAC, resistive 6x103 NO 80LRA/30FLA, 240VAC 30x103 NC 30LRA/12FLA, 240VAC 30x103 CO 53.6LRA/20FLA / 20LRA/8FLA, 240VAC 30x103 NO 98LRA/22FLA, 120VAC 100x103 NO 2HP, 240VAC 1x103 NC 1/2HP, 240VAC 1x103 NO 1HP, 125VAC 1x103 NC 1/4HP, 125VAC 1x103 NO 10A, 277VAC, ballast 6x103 NC 3A, 277VAC, ballast 6x103 NO 8.3A, 120VAC, tungsten 6x103 NO 5.4A, 277VAC, tungsten 6x103 NO 470VA, 120VAC, pilot duty 30x103 NO 20A, 28VDC, resistive 100x103 NC 10A, 28VDC, resistive 100x103 AgCdO - Enhanced Version Only, 1W coil NO 21A, 250VAC, resistive 250x103 NO 25A, 277VAC, resistive 100x103 AgCdO, 1W coil (“H” type) NO 25A, 240VAC, resistive, 105°C 6x103 1) Contact ratings at 25°C (unless otherwise noteed) with relay properly vented. Remove vent nib after soldering and cleaning. |
Số phần tương tự - 4-1393210-3 |
|
Mô tả tương tự - 4-1393210-3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |