công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7-1393117-3 bảng dữ liệu(PDF) 4 Page - TE Connectivity Ltd

tên linh kiện 7-1393117-3
Giải thích chi tiết về linh kiện  Sockets available for panel, DIN rail or PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393117-3 bảng dữ liệu(HTML) 4 Page - TE Connectivity Ltd

  7-1393117-3 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
Product code structure
Typical product code
KUP
-14
A
1
5
-120
Type
KU
Open style relay
KUP Enclosed relay
Contact arrangement
1
1 form A (1 NO)
3
1 form X (1 NO-DM)
5
1 form C (1 CO)
7
2 form A (2 NO)
11 2 form C (2 CO)
12 3 form A (3 NO)
14 3 form C (3 CO)
17 4 form C (4 CO)
Coil Input
A AC, 50/60Hz
D DC
Mounting and options
KU
1
#6-32 mounting stud, 5.54mm (.218in) locating tab
3
#6-32 tapped core, 3.18mm (.125in) locating tab
4
#6-32 tapped core, 5.54mm (.218in) locating tab
5
#6-32 tapped core, no locating tab
KUP
1
Socket mount (plain) case
2
Socket mount (plain) case with push-to-test button 1)
3
Socket mount (plain) case with indicator lamp 2)
4
Socket mount (plain) case with indicator lamp and push-to-test button 1) 2)
5
Bracket mount case
A Plain case with #6-32 stud and locating tab
E Plain case with #6-32 tapped core and locating tab
T
Top flange case 1)
1) Not available with four pole models (Contact arrangement 17).
2) Indicator lamps are available on models with the following coils: 6-24VAC and VDC, 110VDC and 120-240VAC.
Only models with 120-240VAC coils are UL recognized.
Terminal and contact material
1 and 2 pole models
1
4.75mm (.187in) quick connect/solder; Ag, 5A
3
1.19mm (.047in) PCB; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
7
1.19mm (.047in) PCB; AgCdO, 10A
J
6.35mm (.250in) quick connect/solder; Ag, 5A
K 6.35mm (.250in) quick connect/solder; AgCdO, 10A
P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A
S 1.19mm (.047in) PCB, AgSnOInO; 10A
W 6.35mm (.250in) quick connect/solder; AgSnOInO, 10A
3 pole models
1
4.75mm (.187in) quick connect/solder; Ag, 5A
3
1.19mm (.047in) PCB; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
7
1.19mm (.047in) PCB; AgCdO, 10A
P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A
S 1.19mm (.047in) PCB, AgSnOInO; 10A
4 pole models
1
4.75mm (.187in) quick connect/solder; Ag, 5A 3)
3
1.19mm (.047in) PCB; Ag, 5A
4
2.79mm (.110in) quick connect/solder; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A 3)
7
1.19mm (.047in) PCB; AgCdO, 10A
9
2.79mm (.110in) quick connect/solder; AgCdO, 10A
P 4.75mm (.187in) quick connect/solder; AgSnOInO, 10A 3)
S 1.19mm (.047in) PCB, AgSnOInO; 10A
U 2.79mm (.110in) quick connect/solder; AgSnOInO, 10A 2)
3) 4 pole KUP with 4.75mm (.187in) terminals will not plug into sockets. Must use 2.79mm (.110) terminals for socket mounting.
Au flashed contact option
Leave Blank No Au flashing on contacts
F
Optional Au flashing on contacts
Coil voltage
Coil code: please refer to coil versions table
PCB layout
Bottom view on solder pins
1 form X version
3 pole version
4 pole version
(Omit unnecessry holes for
form A and 2 pole types)
.875
(22.23)
.626
(15.90)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.328
(8.33)
.437
(11.10)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)
.328
(8.33)
.510
(12.95)
.170
(4.32)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.340
(8.64)
1.020
(25.91)
.206
(5.23)


Số phần tương tự - 7-1393117-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
7-1393117-3 TEC-7-1393117-3 Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results

Mô tả tương tự - 7-1393117-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
BMXXBP0800 ETC-BMXXBP0800 Datasheet
72Kb / 1P
   panel, plate or DIN rail mounting
BMXXBP1200 ETC-BMXXBP1200 Datasheet
67Kb / 1P
   panel, plate or DIN rail mounting
logo
Schneider Electric
BMXXBP0600 SCHNEIDER-BMXXBP0600 Datasheet
105Kb / 5P
   rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400 SCHNEIDER-BMXXBP0400 Datasheet
106Kb / 5P
   rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0600H SCHNEIDER-BMXXBP0600H Datasheet
105Kb / 5P
   ruggedized rack M340 - 6 slots - panel, plate or DIN rail mounting
Aug 11, 2019
BMXXBP0800H SCHNEIDER-BMXXBP0800H Datasheet
104Kb / 5P
   ruggedized rack M340 - 8 slots - panel, plate or DIN rail mounting
Aug 10, 2019
BMXXBP0400H SCHNEIDER-BMXXBP0400H Datasheet
106Kb / 5P
   ruggedized rack M340 - 4 slots - panel, plate or DIN rail mounting
Aug 10, 2019
logo
Pepperl+Fuchs Inc.
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
   Insert for DIN Mounting Rail
2020-09-23
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
   Cover for DIN Mounting Rail
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com