công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7-1393114-7 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd

tên linh kiện 7-1393114-7
Giải thích chi tiết về linh kiện  Side flange and top flange mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393114-7 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd

  7-1393114-7 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393114-7 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393114-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
09-2014, Rev. 0914
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KUHP Series Panel Relay
Coil versions, DC coil
Coil
Rated
Operate
ReleaseCoil
Rated coil
code
voltage
voltagevoltage
resistance
power
VDC
VDC
Ω±10%
W
006
6
4.5
32.1
1.13
012
12
9.0
120
1.20
024
24
18.0
472
1.23
048
48
36.0
1800
1.30
110
110
82.5
10000
1.22
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
006
6
5.1
4.2
2.8
012
12
10.2
18
2.8
024
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
277
277
235.5
10250
2.5
All figures are given for coil without preenergization, at ambient temperature +23°C, 60 Hz.
Insulation Data
Initial dielectric strength
between open contacts
1200V
rms
between contact and coil
3750V
rms
between adjacent contacts
3750V
rms
between coil and frame
2000V
rms
Initial insulation resistance
between insulated elements
100MΩ at 500VDC
Other Data
Ambient temperature
DC coil
-45ºC to 70ºC
AC coil
-45ºC to 45ºC
Category of enviromental protection
IEC 61810
RTI - dust protected and
RT0 - open style
Terminal type
QC.250, PCB .047
Terminal retention, push force
QC .205
17lbs for 3s
QC .110, QC .187, QC .250, all PCB
25lbs for 3s
Weight
92g
Packaging/unit
tray/25 pcs., box/150pcs.
Accessories
NOTE: no sockets are available for this relay
n
AC coils 6 to 277VAC 50/60Hz, DC 6 to 110VCD
n
Contact arrangement up to 2 form C (CO)
n
.250” combination push-on/solder terminals or PC terminals
n
Side flange and top flange mounting
n
Designed to meet VDE space requirements: Class B coil insulation
Typical applications
Commercial HVAC, smart-grid communications controllers, baggage
handling, pumps.
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request.
Contact Data
1 pole
2 pole
Contact arrangement
1 form C (CO)
2 form C (CO)
1 form A (NO)
2 form A (NO)
1 form B (NC)
2 form B (NC)
Rated voltage
240VAC
240VAC
Rated current
30A
20A
Contact material
AgCdO
AgCdO, AgSnOInO
Min. recommended contact load
300mA, 12VDC
300mA, 12VDC
Initial contact resistance
200mΩ
200mΩ
Frequency of operation
360 ops./hour
360 ops./hour
Operate/release time max.
20/20ms
20/20ms
Bounce time max.
20ms
20ms
Contacts ratings
Type
Load
Cycles
1 pole, AgCdO
30A, 240VAC
100x103 ops.
1HP, 120VAC
100x103 ops.
1 1/2HP, 240VAC
100x103 ops.
30 FLA, 96 LRA
100x103 ops.
30A, 28 VDC
50x103 ops.
10A, 480VAC
6x103 ops.
1/2HP, 480VAC
25x103 ops.
1HP, 480VAC, 3 phase
6x103 ops.
1/2HP, 600VAC
25x103 ops.
2 pole, AgCdO
20A, 240VAC
100x103 ops.
3/4HP, 120VAC
100x103 ops.
1 1/2HP, 240VAC
100x103 ops.
20 FLA, 83 LRA
100x103 ops.
20A, 28 VDC
50x103 ops.
10A, 480VAC
6x103 ops.
1/2HP, 480VAC
25x103 ops.
1HP, 480VAC, 3 phase
6x103 ops.
1/2HP, 600VAC
25x103 ops.
2 pole AgSnOInO
20 A, 240 VAC
25x103 ops.
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
6 to 110VDC
6 to 277VAC
Coil insulation system according UL
Class B
803
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
KUHP series
30 Amp Power Relays
File E22575
File LR15734-123
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files
of the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Features
• AC coils 6-277VAC 50/60 Hz., DC 6-110VDC.
• Contact arrangement up to DPDT.
• .250" combination push-on/solder terminals or PC terminals.
• Side flange and top flange mounting.
• Designed to meet VDE space requirements.
• Class B coil insulation.
Contact Data @ 25°C
Arrangements: 1 Form C (SPDT) and 2 Form C (DPDT).
Material: Silver or silver-cadmium oxide.
Expected Mechanical Life: 10 million operations.
Coil Data @ 25°C
Voltage: 6-110VDC and 6-277VAC.
Nominal Power:
DC Coils: 1.2 Watts.
AC Coils: 2.7VA.
Duty Cycle: Continuous.
Initial Insulation Resistance: 100 megohms, min.
Insulation: Class B, 130°C.
Initial Dielectric Strength
Between Open Contacts: 1,200V rms.
Between Adjacent Contacts: 3,750V rms.
Between Contacts and Coil: 3,750V rms.
Between Coil and Frame: 2,000V rms.
Operate Data @ 25°C
Must Operate Voltage:
DC Coils: 75% of nominal.
AC Coils: 85% of nominal.
Operate Time (Excluding Bounce): 20 milliseconds, typical, at nominal
voltage.
Release Time (Excluding Bounce): 20 milliseconds, typical, at nominal
voltage.
Environmental Data
T
emperature Range: (Operating)
DC Coils: -45°C to +70°C.
AC Coils: -45°C to +45°C.
Shock: 15g’s, 11 ms (non-operating).
Vibration: .065" double amplitude, 10-55 Hz.
Mechanical Data
Termination: .250" quick connect/solder; and PC board.
Enclosure: Polycarbonate dust cover.
Weight: 3.2 oz. (92g) approximately.
KUHP-5DT1-24
KUHP-11A51-24
KUHP-11A51-120
KUHP-11AT1-120
KUHP-11D51-12
KUHP-11D51-24
KUHP-11DT1-12
KUHP-11DT1-24
KUHP-5A51-24
KUHP-5A51-120
KUHP-5AT1-120
KUHP-5D51-12
KUHP-5D51-24
KUHP-5DT1-12
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Ordering Information
Coil Data
DC
Must
Nominal
Nominal
Resistance
Operate
Coil
Voltage
in Ohms
Voltage
Current
± 10%*
(mA)
6
32.1
4.5
187
DC
12
120
9.0
100
Coils
24
472
18.0
51
48
1,800
36.0
26.7
110
10,000
82.5
11
6
4.2
5.1
460
12
18
10.2
230
AC
24
72
20.4
115
Coils
120
1,700
102.0
24
240
7,200
204.0
12
277
10,250
235.5
9
*±15% for AC coils.
Contact Ratings
Contact
UL/CSA Ratings
Expected
Arrangement
Life
1 Form C
30A 120/240VAC
100,000
Single Pole
1 HP @ 120VAC,
ops.
Double Throw
1 1/2 HP @ 240VAC
25A @ 28VDC
2 Form C
20A @ 120/240VAC
100,000
Double Pole
3/4 HP @ 120VAC
ops.
Double Throw
1 1/2 HP @ 240VAC
20A @ 28VDC
7A @ 120VAC (Tungsten)*
*NO contacts only.
Typical Part No
.
B
KUHP- 11
A
5
1
-120
1. Basic Series and Type:
KUHP = Enclosed 20/30 amp relay.
2. Contact Arrangement and Rating:
5 = 1C (SPDT); 30 amps.
11 = 2C (DPDT); 20 amps.
3. Coil Input:
A = AC, 50/60 Hz.
D = DC
4. Mountings:
1 = PLAIN CASE
5 = BRACKET MOUNT CASE
T = TOP FLANGE CASE
5. Terminals and Contact Materials:
1 = .250" (6.35mm) quick connect/solder; silver-cadmium oxide.
7 = .047" (1.19mm) printed circuit; silver-cadmium oxide.
6. Coil Voltage:
AC coils to 277VAC, 50/60 Hz.
DC coils to 110VDC.
NOTE: No sockets are available for this relay.
C
U


Số phần tương tự - 7-1393114-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
7-1393116-0 TEC-7-1393116-0 Datasheet
467Kb / 4P
   Optional indicator lamp and push-to-test button
7-1393116-1 TEC-7-1393116-1 Datasheet
467Kb / 4P
   Optional indicator lamp and push-to-test button
7-1393116-2 TEC-7-1393116-2 Datasheet
467Kb / 4P
   Optional indicator lamp and push-to-test button
7-1393117-3 TEC-7-1393117-3 Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
7-1393117-3 TEC-7-1393117-3 Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
More results

Mô tả tương tự - 7-1393114-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
K10 TEC-K10 Datasheet
185Kb / 3P
   Socket, PCB and top flange mounting options
logo
Pepperl+Fuchs Inc.
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
   Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
   Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
   Mounting flange
BF4 PF-BF4 Datasheet
510Kb / 1P
   Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
   Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
   Mounting Flange
logo
Pepperl+Fuchs Inc.
BF12-F PF-BF12-F Datasheet
579Kb / 2P
   Mounting flange
logo
Glenair, Inc.
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
   Mounting Flange
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com