công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3--435668--1 bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd |
|
3--435668--1 bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd |
2 / 4 page 408- 7779 Rev B 2 of 4 2. INTRODUCTION The SPST and MPMT switches are available in 2 through 12 positions. They can be used in DIP sockets with in--row contact centerline spacing of 25.4 [.100] and row--to--row contact centerline spacing of 7.62 [.300], or they can be soldered directly to the printed circuit (pc) board. There are standard--profile, side--actuated, and low-- profile SPST switches. The standard--profile switches have raised rockers, and are available unsealed, or sealed with an economy or premium masking material. The side--actuated switches have rockers on the side rather than on the top, and are available unsealed, or sealed with an economy or premium masking material. The low--profile switches have flush rockers, and are available unsealed, or sealed with an economy clear tape, or sealed with a premium masking material. There are standard--profile and side--actuated MPMT switches. The standard--profile MPMT comes in both Single--Pole Double--Throw (SPDT) and Double--Pole Double--Throw (DPDT) make--before--break switches and are available with a low--profile and extended lever actuator. The side--actuated MPMT is available in SPST only at this time. All of these switches are available in the unsealed version only. The unsealed switches are designed for socket applications and the sealed are designed for soldering applications directly to the pc board. The sealants prevent flux and other contaminants from entering the switch during soldering and cleaning. 3. SWITCH INSTALLATION Determine the number of switch positions required for your application. Determine whether the switch will be soldered directly to the pc board ( a sealed switch will be required), or whether the switch is to be installed in a socket (an unsealed switch can be used). Refer to the tables in Figures 1 or 2 for assistance in selecting a switch. 3.1. DIP Socket Installation 1. Secure DIP socket to pc board according to instructions packaged with socket. 2. Start one row of contact leads into one row of contact cavities in socket, then rotate switch until it is parallel with socket. 3. Gripping ends of switch, push switch into socket until it is bottomed 4. Determine which of the circuits are to be closed, then depress the applicable rockers to the ON position. 5. If installing a protective dust cover, determine the number of switch positions and refer to Customer Drawing 435238 to select the applicable cover. Check to be sure there are no obstructions on the switch rockers or in the protective cover, then slide the cover over the rockers until the cover latches engage the housing. See Figure 3. MULTIPLE THROW MULTIPLE THROW SWITCHES (MPMT) SERIES AND NUMBER OF DOUBLE POLE SINGLE THROW SINGLE POLE DOUBLE THROW SERIES AND COLOR NUMBER OF SWITCHES Low Profile Actuator Extended Actuator Low Profile Actuator Extended Actuator 1 435469--9 2--435469--1 435470--7 2--435470--1 7000 Black 2 ------ 2--435469--2 435470--1 2--435470--2 7000 Black (Refer to 3 435469--2 2--435469--3 435470--2 ------ (Refer to Product Spec 108--7519) 4 435469--3 2--435469--4 435470--3 2--435470--4 108--7519) 5 ------ 2--435469--5 435470--4 2--435470--5 6 1--435469--0 2--435469--6 435470--8 2--435470--6 SERIES AND NUMBER OF FOUR POLE SINGLE THROW DOUBLE POLE DOUBLE THROW SERIES AND COLOR NUMBER OF SWITCHES Low Profile Actuator Extended Actuator Low Profile Actuator Extended Actuator 7000 Black (R f 1 435469--7 3--435469--1 435470--5 3--435470--1 (Refer to Product Spec 2 ------ 3--435469--2 435470--9 3--435470--2 Product Spec 108--7519) 3 ------ ------ ------ 3--435470--3 Figure 2 |
Số phần tương tự - 3--435668--1 |
|
Mô tả tương tự - 3--435668--1 |