công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5-1393117-3 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd

tên linh kiện 5-1393117-3
Giải thích chi tiết về linh kiện  Wide selection of termination and mounting styles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393117-3 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd

  5-1393117-3 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393117-3 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393117-3 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393117-3 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393117-3 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
AgCdO, 4 pole (continued)
1/3HP, 120VAC
1/2HP, 250VAC
Total load not to exceed 30 A, 28 VDC, 120 VAC and 20 A, 250 VAC
AgSnOInO
10A, 277VAC, pf = 0.8
100x103
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
1, 2 and 3 pole
5
5
3.75
21
1.2
6
6
4.5
32.1
1.125
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
4 pole
5
5
3.75
14
1.8
6
6
4.5
20
1.8
12
12
9.0
80
1.8
24
24
18.0
320
1.8
48
48
36.0
1250
1.85
110
110
82.5
6720
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
1 and 2 pole
6
6
5.1
6
2.0
12
12
10.2
24
2.0
24
24
20.4
85
2.0
120
120
102.0
2250
2.1
240
240
204.0
9110
2.1
3 and 4 pole
6
6
5.1
4.2
2.8
12
12
10.2
18
2.8
24
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
n
Contact arrangements of 1 form X, 1-3 form A and 1-4 form C
n
Wide selection of termination and mounting styles
n
PC terminals available
n
Push-to-test button and indicator lamp options
n
Sockets available for panel, DIN rail or PCB mounting
n
Class B coil insulation
Typical applications
Vending, commercial sewing, tool/die equipment, robotics, timers, welding,
HVAC, medical, power generators
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
1 Form X (NO-DM); 1-3 Form A (NO); 1-4 Form C (CO)
Rated voltage
240VAC
Rated current
10A
Contact material
Ag
AgCdO
AgSnOInO
Min. recommended contact load 100mA, 12VDC 300mA, 12VDC 300mA, 12VDC
Frequency of operation
360 ops./hr 360 ops./hr 360 ops./hr
Operate/releases time max.
15/10ms
Bounce time max.
17ms
Contact ratings
Type
Load
Cycles
UL 508
Ag, 1, 2 and 3 pole
5A, 240VAC
5A, 28VDC
1/6HP, 120VAC
2.5A, 120VAC, tungsten
1/3HP, 240VAC
0.5A, 120VDC
5FLA, 15LRA, 250VAC
Ag, 4 pole
5A, 240VAC
2.5A, 120VAC, tungsten
0.5A, 120VDC
1/6HP, 120VAC
1/3HP, 240VAC
AgCdO, 1, 2 and 3 pole
10A, 240VAC
10A, 32VDC
5FLA, 15LRA, 250VAC
1/3HP, 120VAC
5A, 120VAC, tungsten
1/2HP, 250VAC
0.5A, 125VDC
10FLA, 40LRA, 125VAC
3A, 600VAC
1/2HP, 480VAC
1/2HP, 600VAC
1HP, 480 VAC, 3 phase
AgCdO, 4 pole
10A, 240VAC
5A, 120VAC, tungsten
0.5A, 120VDC
10A, 28VDC, resistive
10FLA, 30LRA, 125VAC
5FLA, 15LRA, 250 VAC
30x103
125VA, 250 VAC


Số phần tương tự - 5-1393117-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
5-1393117-3 TEC-5-1393117-3 Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
More results

Mô tả tương tự - 5-1393117-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
   Wide Selection of Panel Seal Boots
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Vishay Siliconix
SIP56XX VISHAY-SIP56XX Datasheet
173Kb / 2P
   Auto selection of S/E or LVD SCSI termination
logo
Omron Electronics LLC
EE-SX670 OMRON-EE-SX670 Datasheet
182Kb / 8P
   Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
PANDUIT CORP.
LC5-A-C8 PANDUIT-LC5-A-C8 Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
logo
Exar Corporation
XR34350 EXAR-XR34350 Datasheet
404Kb / 20P
   Internal Termination and Wide Output Swing
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com