công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SA1012 bảng dữ liệu(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

tên linh kiện 2SA1012
Giải thích chi tiết về linh kiện  PNP Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Trang chủ  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2SA1012 bảng dữ liệu(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  2SA1012 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2SA1012 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2SA1012 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2SA1012 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 17/09/2016
Rev: 01
®
SEMTECH ELECTRONICS LTD.
2SA1012
PNP Silicon Epitaxial Planar Transistor
for high current switching applications.
The transistor is subdivided into two group, O and
Y, according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
60
V
Collector Emitter Voltage
-VCEO
50
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
5
A
Power Dissipation
Ptot
25
W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Ts
-55 to +150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 1 A
O
Y
at -VCE = 1 V, -IC = 3 A
hFE
hFE
hFE
70
120
30
-
-
-
140
240
-
-
-
-
Collector Emitter Breakdown Voltage
at -IC = 10 mA
-V(BR)CEO
50
-
-
V
Collector Cutoff Current
at -VCB = 50 V
-ICBO
-
-
1
µA
Emitter Cutoff Current
at -VEB = 5 V
-IEBO
-
-
1
µA
Collector Emitter Saturation Voltage
at -IC = 3 A, -IB = 0.15 A
-VCE(sat)
-
-
0.4
V
Base Emitter Saturation Voltage
at -IC = 3 A, -IB = 0.15 A
-VBE(sat)
-
-
1.2
V
Transition Frequency
at -VCE = 4 V, -IC = 1 A
fT
-
60
-
MHz
Collector Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
170
-
pF
TO-220 Plastic Package


Số phần tương tự - 2SA1012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
   POWER TRANSISTORS(5A,50V,25W)
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
314Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
Toshiba Semiconductor
2SA1012 TOSHIBA-2SA1012 Datasheet
199Kb / 3P
   TRANSISITOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Galaxy Semi-Conductor H...
2SA1012 BILIN-2SA1012 Datasheet
140Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
   HIGH CURRENT SWITCHING APPLICATION
More results

Mô tả tương tự - 2SA1012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com