công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX573DWR2G bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74LCX573DWR2G
Giải thích chi tiết về linh kiện  Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX573DWR2G bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74LCX573DWR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX573DWR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74LCX573
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Characteristic
Condition
TA = −40°C to +85°C
TA = −55°C to +125°C
Units
Min
Max
Min
Max
VIH
HIGH Level Input
Voltage (Note 2)
2.3 V ≤ VCC ≤ 2.7 V
1.7
1.7
V
2.7 V ≤ VCC ≤ 3.6 V
2.0
2.0
VIL
LOW Level Input
Voltage (Note 2)
2.3 V ≤ VCC ≤ 2.7 V
0.7
0.7
V
2.7 V ≤ VCC ≤ 3.6 V
0.8
0.8
VOH
HIGH Level Out-
put Voltage
2.3 V ≤ VCC ≤ 3.6 V; IOL = 100 mA
VCC − 0.2
VCC − 0.2
V
VCC = 2.3 V; IOH = −8 mA
1.8
1.8
VCC = 2.7 V; IOH = −12 mA
2.2
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
2.2
VOL
LOW Level Out-
put Voltage
2.3 V ≤ VCC ≤ 3.6 V; IOL = 100 mA
0.2
0.2
V
VCC = 2.3 V; IOL = 8 mA
0.6
0.6
VCC = 2.7 V; IOL = 12 mA
0.4
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
0.60
IOZ
3−State Output
Current
VCC = 3.6 V, VIN = VIH or VIL,
VOUT = 0 to 5.5 V
±5
±5
mA
IOFF
Power Off Leak-
age Current
VCC = 0, VIN = 5.5 V or VOUT = 5.5 V
10
10
mA
IIN
Input Leakage
Current
VCC = 3.6 V, VIN = 5.5 V or GND
±5
±5
mA
ICC
Quiescent Supply
Current
VCC = 3.6 V, VIN = 5.5 V or GND
10
10
mA
DICC
Increase in ICC
per Input
2.3 ≤ VCC ≤ 3.6 V; VIH = VCC − 0.6 V
500
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS tR = tF = 2.5 ns; RL = 500 W
Symbol
Parameter
Waveform
Limits
Units
TA = −55°C to +125°C
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
VCC = 2.5 V ± 0.2 V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay
Dn to On
1
1.5
1.5
8.0
8.0
1.5
1.5
9.0
9.0
1.5
1.5
9.6
9.6
ns
tPLH
tPHL
Propagation Delay
LE to On
3
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
1.5
1.5
10.5
10.5
ns
tPZH
tPZL
Output Enable Time to HIGH
and LOW Level
2
1.5
1.5
8.5
8.5
1.5
1.5
9.5
9.5
1.5
1.5
10.5
10.5
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
1.5
1.5
6.5
6.5
1.5
1.5
7.0
7.0
1.5
1.5
7.8
7.8
ns
ts
Setup TIme, HIGH or LOW
Dn to LE
3
2.5
2.5
4.0
th
Hold TIme, HIGH or LOW
Dn to LE
3
1.5
1.5
2.0
tw
LE Pulse Width, HIGH
3
3.3
3.3
4.0
tOSHL
tOSLH
Output−to−Output Skew
(Note 3)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Số phần tương tự - MC74LCX573DWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX573DWR2G ONSEMI-MC74LCX573DWR2G Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 7
More results

Mô tả tương tự - MC74LCX573DWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com