công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDG901 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FDG901
Giải thích chi tiết về linh kiện  Slew Rate Control Driver IC for P-Channel MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG901 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FDG901 Datasheet HTML 1Page - Fairchild Semiconductor FDG901 Datasheet HTML 2Page - Fairchild Semiconductor FDG901 Datasheet HTML 3Page - Fairchild Semiconductor FDG901 Datasheet HTML 4Page - Fairchild Semiconductor FDG901 Datasheet HTML 5Page - Fairchild Semiconductor FDG901 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDG901D rev. D (W)
The Slew Rate Control Driver (FDG901D) is designed to give a programmed choice of one of
three steady dv/dt states on the output during turn-on. To change the dv/dt value, the user needs
to use the Slew Rate Control Pin (Pin 2). To utilize the smallest current setting (
≈10 nA) from the
IC, a voltage equal to Vdd must be applied to the Slew Rate Control Pin 2. To use the next
higher current setting (
≈1 µA) a voltage equal to Ground must be applied to Pin 2. To achieve the
highest current setting (
≈ 80 µA) or obtain a faster switching speed, the Slew Rate Pin2 must be
open (floating). A higher value of capacitance will result in a slower switching rate. To determine
the switching times of each setting use the simple equation:
G
g
I
Q
t
=
where Qg is the Gate charge in nC for a given MOSFET and IG is the gate current controlled by
the slew rate pin.
Below is a captured image from an oscilloscope depicting the device response. The FDG901D
was connected to control an FDG258P P-Channel DMOS. The Slew Rate control pin was set to
open (floating state).
V
IN = 5.5V
V
DD = 5.5V
R
LOAD = 1.5Ω
Test Conditions:
V
IN = 5.5V
V
DD = 5.5V
R
LOAD = 1.5Ω
Test Conditions:
V
RLoad
V
gate (inverted)
V
IN
Circuit waveforms for an FDG901D controlling a P-Channel FDG258P MOSFET.
V
RLoad
V
gate (inverted)
V
IN
Circuit waveforms for an FDG901D controlling a P-Channel FDG258P MOSFET.


Số phần tương tự - FDG901

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
FDG VISHAY-FDG Datasheet
134Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors with CECC Approval
logo
Merrimac Industries, In...
FDG-4A-1600 MERRIMAC-FDG-4A-1600 Datasheet
135Kb / 1P
   FREQUENCY DOUBLER
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results

Mô tả tương tự - FDG901

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Alpha & Omega Semicondu...
AOZ32033AQI AOSMD-AOZ32033AQI Datasheet
750Kb / 13P
   Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.2 September 2022
AOZ32034AQV AOSMD-AOZ32034AQV Datasheet
1Mb / 12P
   Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.1 January 2022
logo
Toshiba Semiconductor
TCK107G TOSHIBA-TCK107G Datasheet
280Kb / 11P
   1.0 A Load Switch IC with Slew Rate Control Driver in Ultra Small Package
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com