công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4802 bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện MCP4802
Giải thích chi tiết về linh kiện  SPI Interface with 20 MHz Clock Support
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802 bảng dữ liệu(HTML) 3 Page - Microchip Technology

  MCP4802_15 Datasheet HTML 1Page - Microchip Technology MCP4802_15 Datasheet HTML 2Page - Microchip Technology MCP4802_15 Datasheet HTML 3Page - Microchip Technology MCP4802_15 Datasheet HTML 4Page - Microchip Technology MCP4802_15 Datasheet HTML 5Page - Microchip Technology MCP4802_15 Datasheet HTML 6Page - Microchip Technology MCP4802_15 Datasheet HTML 7Page - Microchip Technology MCP4802_15 Datasheet HTML 8Page - Microchip Technology MCP4802_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
 2010-2015 Microchip Technology Inc.
DS20002249B-page 3
MCP4802/4812/4822
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD....................................................................... 6.5V
All inputs and outputs .......... VSS – 0.3V to VDD + 0.3V
Current at Input Pins ......................................... ±2 mA
Current at Supply Pins .................................... ±50 mA
Current at Output Pins .................................... ±25 mA
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
ESD protection on all pins
4 kV (HBM), 400V (MM)
Maximum Junction Temperature (TJ)................+150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V,
Output Buffer Gain (G) = 2x, RL = 5 k to GND, CL = 100 pF, TA = -40 to +85°C. Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Input Voltage
VDD
2.7
5.5
V
Input Current
IDD
415
750
µA
All digital inputs are grounded,
all analog outputs (VOUT) are
unloaded. Code = 0x000h
Software Shutdown Current
ISHDN_SW
—3.3
6
µA
Power-on Reset Threshold
VPOR
—2.0
V
DC Accuracy
MCP4802
Resolution
n
8
Bits
INL Error
INL
-1
±0.125
1
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4812
Resolution
n
10
Bits
INL Error
INL
-3.5
±0.5
3.5
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4822
Resolution
n
12
Bits
INL Error
INL
-12
±2
12
LSb
DNL
DNL
-0.75
±0.2
+0.75
LSb
Note 1
Offset Error
VOS
-1
±0.02
1
% of FSR Code = 0x000h
Offset Error Temperature
Coefficient
VOS/°C
0.16
ppm/°C
-45°C to +25°C
-0.44
ppm/°C
+25°C to +85°C
Gain Error
gE
-2
-0.10
2
% of FSR Code = 0xFFFh,
not including offset error
Gain Error Temperature
Coefficient
G/°C
-3
ppm/°C
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.


Số phần tương tự - MCP4802_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP4802-E/MS MICROCHIP-MCP4802-E/MS Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802-E/P MICROCHIP-MCP4802-E/P Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802-E/SN MICROCHIP-MCP4802-E/SN Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802T-E/MS MICROCHIP-MCP4802T-E/MS Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802T-E/P MICROCHIP-MCP4802T-E/P Datasheet
1Mb / 46P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
More results

Mô tả tương tự - MCP4802_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Holt Integrated Circuit...
HI-6138 HOLTIC-HI-6138 Datasheet
5Mb / 254P
   40 MHz SPI Host Interface
HI-6137 HOLTIC-HI-6137 Datasheet
5Mb / 230P
   40 MHz SPI Host Interface
HI-6136 HOLTIC-HI-6136 Datasheet
5Mb / 206P
   40 MHz SPI Host Interface
HI-6135 HOLTIC-HI-6135 Datasheet
4Mb / 172P
   40 MHz SPI Host Interface
logo
STMicroelectronics
M25P05 STMICROELECTRONICS-M25P05 Datasheet
194Kb / 32P
   512 Kbit, Low Voltage, Serial Flash Memory With 20 MHz SPI Bus Interface
logo
Texas Instruments
DS90CR288AMTDX TI-DS90CR288AMTDX Datasheet
1Mb / 24P
[Old version datasheet]   20 to 85 MHz Shift Clock Support, 50% Duty Cycle on Receiver Output Clock
logo
STMicroelectronics
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
   1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
logo
Analog Devices
ADIS16006 AD-ADIS16006_15 Datasheet
242Kb / 16P
   Accelerometer with SPI Interface
REV. C
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
Analog Devices
ADIS16003 AD-ADIS16003_15 Datasheet
228Kb / 16P
   Accelerometer with SPI Interface
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com