công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP631 bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP631
Giải thích chi tiết về linh kiện  Unity-Gain Stable
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631 bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP631_14 Datasheet HTML 1Page - Microchip Technology MCP631_14 Datasheet HTML 2Page - Microchip Technology MCP631_14 Datasheet HTML 3Page - Microchip Technology MCP631_14 Datasheet HTML 4Page - Microchip Technology MCP631_14 Datasheet HTML 5Page - Microchip Technology MCP631_14 Datasheet HTML 6Page - Microchip Technology MCP631_14 Datasheet HTML 7Page - Microchip Technology MCP631_14 Datasheet HTML 8Page - Microchip Technology MCP631_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 1
MCP631/2/3/4/5/9
Features:
• Gain-Bandwidth Product: 24 MHz
• Slew Rate: 10 V/µs
• Noise: 10 nV/
Hz at 1 MHz)
• Low Input Bias Current: 4 pA (typical)
• Ease of Use:
- Unity-Gain Stable
- Rail-to-Rail Output
- Input Range including Negative Rail
- No Phase Reversal
• Supply Voltage Range: +2.5V to +5.5V
• High Output Current: ±70 mA
• Supply Current: 2.5 mA/ch (typical)
• Low-Power Mode: 1 µA/ch
• Small Packages: SOT23-5, DFN
• Extended Temperature Range: -40°C to +125°C
Typical Applications:
• Fast Low-Side Current Sensing
• Point-of-Load Control Loops
• Power Amplifier Control Loops
• Barcode Scanners
• Optical Detector Amplifier
• Multi-Pole Active Filter
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description:
The Microchip Technology Inc. MCP631/2/3/4/5/9
family of operational amplifiers features high gain
bandwidth product (24 MHz, typical) and high output
short-circuit current (70 mA, typical). Some also
provide a Chip Select (CS) pin that supports a
low-power mode of operation. These amplifiers are
optimized for high speed, low noise and distortion,
single-supply operation with rail-to-rail output and an
input that includes the negative rail.
This family is offered in single (MCP631), single with
CS pin (MCP633), dual (MCP632), dual with two CS
pins (MCP635), quad (MCP634) and quad with two
Chip Select pins (MCP639). All devices are fully
specified from -40°C to +125°C.
Typical Application Circuit
VOUT
0A – 20 A
MCP63X
0.005
51.1
51.1
2.0 k
+5V
0V – 4V
+
-
High Gain-Bandwidth Op Amp Portfolio
Model Family
Channels/Package
Gain-Bandwidth
VOS (max.)
IQ/Ch (typ.)
MCP621/1S/2/3/4/5/9
1, 2, 4
20 MHz
0.2 mV
2.5 mA
MCP631/2/3/4/5/9
1, 2, 4
24 MHz
8.0 mV
2.5 mA
MCP651/1S/2/3/4/5/9
1, 2, 4
50 MHz
0.2 mV
6.0 mA
MCP660/1/2/3/4/5/9
1, 2, 3, 4
60 MHz
8.0 mV
6.0 mA
24 MHz, 2.5 mA Rail-to-Rail Output (RRO) Op Amps


Số phần tương tự - MCP631_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP631-E/MF MICROCHIP-MCP631-E/MF Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631-E/SN MICROCHIP-MCP631-E/SN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631-E/UN MICROCHIP-MCP631-E/UN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631T MICROCHIP-MCP631T Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP631T-E/MF MICROCHIP-MCP631T-E/MF Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
More results

Mô tả tương tự - MCP631_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
   Unity-Gain Stable
03/25/14
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Lowpower Semiconductor ...
LPA4809 POWER-LPA4809 Datasheet
815Kb / 10P
   140mW Headphone Amplifier with Unity-gain Stable
logo
Texas Instruments
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com