công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6V1U bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện MCP6V1U
Giải thích chi tiết về linh kiện  Portable Instrumentation
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V1U bảng dữ liệu(HTML) 3 Page - Microchip Technology

  MCP6V1U Datasheet HTML 1Page - Microchip Technology MCP6V1U Datasheet HTML 2Page - Microchip Technology MCP6V1U Datasheet HTML 3Page - Microchip Technology MCP6V1U Datasheet HTML 4Page - Microchip Technology MCP6V1U Datasheet HTML 5Page - Microchip Technology MCP6V1U Datasheet HTML 6Page - Microchip Technology MCP6V1U Datasheet HTML 7Page - Microchip Technology MCP6V1U Datasheet HTML 8Page - Microchip Technology MCP6V1U Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
 2016 Microchip Technology Inc.
DS20005419B-page 3
MCP6V81/1U/2/4
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .................................................................................................................................................................6.5V
Current at Input Pins ..............................................................................................................................................±2 mA
Analog Inputs (VIN+ and VIN-)(1) ...............................................................................................VSS – 1.0V to VDD +1.0V
All Other Inputs and Outputs ....................................................................................................VSS – 0.3V to VDD +0.3V
Difference Input Voltage .................................................................................................................................|VDD –VSS|
Output Short Circuit Current ........................................................................................................................... Continuous
Current at Output and Supply Pins ......................................................................................................................±30 mA
Storage Temperature .............................................................................................................................-65°C to +150°C
Maximum Junction Temperature .......................................................................................................................... +150°C
ESD protection on all pins (HBM, CDM, MM)
MCP6V81/1U
  4kV, 1.5kV, 400V
MCP6V82/4
  4kV, 1.5kV, 300V
Note 1:
See Section 4.2.1 “Rail-to-Rail Inputs”.
1.2
Specifications
†Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VDD = +2.2V to +5.5V, VSS = GND,
VCM =VDD/3, VOUT =VDD/2, VL =VDD/2, RL =10kΩ to VL and CL = 30 pF (refer to Figures 1-4 and 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-9
+9
µV
TA =+25°C
Input Offset Voltage Drift with Temperature
(Linear Temperature Coefficient)
TC1
-25
+25
nV/°C TA = -40 to +125°C,
VDD =2.2V (Note 1)
-20
+20
nV/°C TA = -40 to +125°C,
VDD =5.5V (Note 1)
Input Offset Voltage Quadratic
Temperature Coefficient
TC2
—±30
pV/°C2 TA = -40 to +125°C
VDD =2.2V
—±20
pV/°C2 TA = -40 to +125°C
VDD =5.5V
Input Offset Voltage Aging
∆VOS
±0.25
µV
408 hours Life Test
at +150°,
measured at +25°C.
Power Supply Rejection Ratio
PSRR
117
127
dB
Note 1:
For design guidance only; not tested.
2:
Figure 2-19 shows how VCML and VCMH changed across temperature for the first production lot.


Số phần tương tự - MCP6V1U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6V1U MICROCHIP-MCP6V1U Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V1U MICROCHIP-MCP6V1U Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V1U MICROCHIP-MCP6V1U Datasheet
2Mb / 48P
   Temperature Measurement
07/14/15
More results

Mô tả tương tự - MCP6V1U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6V71 MICROCHIP-MCP6V71 Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V61 MICROCHIP-MCP6V61 Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com