công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6V1U bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP6V1U
Giải thích chi tiết về linh kiện  Portable Instrumentation
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V1U bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP6V1U Datasheet HTML 1Page - Microchip Technology MCP6V1U Datasheet HTML 2Page - Microchip Technology MCP6V1U Datasheet HTML 3Page - Microchip Technology MCP6V1U Datasheet HTML 4Page - Microchip Technology MCP6V1U Datasheet HTML 5Page - Microchip Technology MCP6V1U Datasheet HTML 6Page - Microchip Technology MCP6V1U Datasheet HTML 7Page - Microchip Technology MCP6V1U Datasheet HTML 8Page - Microchip Technology MCP6V1U Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
 2014-2015 Microchip Technology Inc.
DS20005367B-page 5
MCP6V61/1U/2/4
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM =VDD/3, VOUT =VDD/2, VL =VDD/2, RL =20kΩ to VL and CL = 30 pF (refer to Figures 1-4 and 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP
1
MHz
Slew Rate
SR
0.45
V/µs
Phase Margin
PM
60
°C
G = +1
Amplifier Noise Response
Input Noise Voltage
Eni
—0.17
µVP-P f=0.01 Hz to 1 Hz
Eni
—0.54
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—26
nV/√Hz f < 2 kHz
Input Noise Current Density
ini
—5
fA/√Hz
Amplifier Distortion (Note 1)
Intermodulation Distortion (AC)
IMD
48
µVPK VCM tone = 50 mVPK at 1 kHz,
GN =11, RTI
Amplifier Step Response
Start-Up Time
tSTR
250
µs
G = +1, 0.1% VOUT settling (Note 2)
Offset Correction Settling Time
tSTL
—30
µs
G = +1, VIN step of 2V,
VOS within 100 µV of its final value
Output Overdrive Recovery Time
tODR
60
µs
G = -10, ±0.5V input overdrive to VDD/2,
VIN 50% point to VOUT 90% point (Note 3)
EMI Protection
EMI Rejection Ratio
EMIRR
80
dB
VIN =0.1 VPK, f = 400 MHz
—96
VIN =0.1 VPK, f = 900 MHz
—101
VIN =0.1 VPK, f = 1800 MHz
—102
VIN =0.1 VPK, f = 2400 MHz
Note 1:
These parameters were characterized using the circuit in Figure 1-6. In Figures 2-40 and 2-41, there is an
IMD tone at DC, a residual tone at 1 kHz and other IMD tones and clock tones. IMD is Referred to
Input (RTI).
2:
High gains behave differently; see Section 4.3.3 “Offset at Power-Up”.
3:
tSTL and tODR include some uncertainty due to clock edge timing.
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for: VDD = +1.8V to +5.5V, VSS =GND
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Operating Temperature Range
TA
-40
+125
°C
Note 1
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5LD-SC70
JA
—209
°C/W
Thermal Resistance, 5LD-SOT-23
JA
—201
°C/W
Thermal Resistance, 8L-2x3 TDFN
JA
—53
°C/W
Thermal Resistance, 8L-MSOP
JA
—211
°C/W
Thermal Resistance, 14L-TSSOP
JA
—100
°C/W
Note 1:
Operation must not cause TJ to exceed the Maximum Junction Temperature specification (+150°C).


Số phần tương tự - MCP6V1U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6V1U MICROCHIP-MCP6V1U Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V1U MICROCHIP-MCP6V1U Datasheet
2Mb / 48P
   Portable Instrumentation
01/27/15
MCP6V1U MICROCHIP-MCP6V1U Datasheet
2Mb / 48P
   Temperature Measurement
07/14/15
More results

Mô tả tương tự - MCP6V1U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6V71 MICROCHIP-MCP6V71 Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
   Portable Instrumentation
01/27/15
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com