công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC3241 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC3241
Giải thích chi tiết về linh kiện  Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3241 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC3241 Datasheet HTML 1Page - Texas Instruments ADC3241 Datasheet HTML 2Page - Texas Instruments ADC3241 Datasheet HTML 3Page - Texas Instruments ADC3241 Datasheet HTML 4Page - Texas Instruments ADC3241 Datasheet HTML 5Page - Texas Instruments ADC3241 Datasheet HTML 6Page - Texas Instruments ADC3241 Datasheet HTML 7Page - Texas Instruments ADC3241 Datasheet HTML 8Page - Texas Instruments ADC3241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
4
THS4552
SBOS831 – DECEMBER 2016
www.ti.com
Product Folder Links: THS4552
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Solder the exposed thermal pad (RTW package) to a heat-spreading power or ground plane. This pad is electrically isolated from the
die, but must be connected to a power or ground plane and not floated.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
RTW(1)
PW
FB1–
23
O
Channel 1, inverting (negative) output feedback
FB2–
5
O
Channel 2, inverting (negative) output feedback
FB1+
2
O
Channel 1, noninverting (positive) output feedback
FB2+
8
O
Channel 2, noninverting (positive) output feedback
IN1–
1
3
I
Channel 1, inverting (negative) amplifier input
IN2–
7
7
I
Channel 2, inverting (negative) amplifier input
IN1+
24
2
I
Channel 1, noninverting (positive) amplifier input
IN2+
6
6
I
Channel 2, noninverting (positive) amplifier input
OUT1–
19
15
O
Channel 1, inverting (negative) amplifier output
OUT2–
13
11
O
Channel 2, inverting (negative) amplifier output
OUT1+
18
14
O
Channel 1, noninverting (positive) amplifier output
OUT2+
12
10
O
Channel 2, noninverting (positive) amplifier output
PD1
20
1
I
Channel 1, power-down.
PD = logic low = power off mode; PD = logic high = normal operation.
PD2
14
5
I
Channel 2, power-down.
PD = logic low = power off mode; PD = logic high = normal operation.
VOCM1
17
4
I
Channel 1, common-mode voltage input
VOCM2
11
8
I
Channel 2, common-mode voltage input
VS1–
21, 22
16
I
Channel 1, negative power-supply input
VS2–
15.16
12
I
Channel 2, negative power-supply input
VS1+
3,4
13
I
Channel 1, positive power-supply input
VS2+
9.10
9
I
Channel 2, positive power-supply input
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Staying below this ± supply turn-on edge rate ensures that the edge-triggered ESD absorption device across the supply pins remains
off.
(3)
Long-term continuous current for electro-migration limits.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, (VS+) – (VS–)
5.5
V
Supply turn-on, turn-off maximum dV/dT(2)
1
V/µs
Input/output voltage range
(VS–) – 0.5
(VS+) + 0.5
V
Differential input voltage
±1
V
Current
Continuous input current
±10
mA
Continuous output current(3)
±20
Continuous power dissipation
See the Thermal Information and
Thermal Analysis sections
Temperature
Maximum junction
150
°C
Operating free-air, TA
–40
125
Storage, Tstg
–65
150


Số phần tương tự - ADC3241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241 TI1-ADC3241 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241IRGZ25 TI1-ADC3241IRGZ25 Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241IRGZR TI1-ADC3241IRGZR Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
ADC3241IRGZT TI1-ADC3241IRGZT Datasheet
3Mb / 82P
[Old version datasheet]   Analog-to-Digital Converters
More results

Mô tả tương tự - ADC3241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
logo
Microchip Technology
MCP6D11 MICROCHIP-MCP6D11 Datasheet
2Mb / 60P
   Low-Noise, Precision, 90 MHz Differential I/O Amplifier
08/15/18
logo
Texas Instruments
THP210 TI1-THP210 Datasheet
617Kb / 20P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI-THP210_V02 Datasheet
2Mb / 41P
[Old version datasheet]   THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com