công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC1413NCUA bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
TC1413NCUA bảng dữ liệu(HTML) 7 Page - Microchip Technology |
7 / 24 page 2001-2015 Microchip Technology Inc. DS20001392E-page 7 TC1413/TC1413N 3.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 3-1. . 3.1 Supply Input (VDD) The VDD input is the bias supply for the MOSFET driver and is rated for 4.5V to 16V with respect to the ground pin. The VDD input should be bypassed to ground with a local ceramic capacitor. The value of the capacitor is chosen based on the capacitive load that is being driven. A value of 1.0 µF is suggested. 3.2 Control Input (IN) The MOSFET driver input is a high-impedance, TTL/CMOS-compatible input. The input has 300 mV of hysteresis between the high and low thresholds which prevents output glitching even when the rise and fall time of the input signal is very slow. 3.3 CMOS Push-Pull Output (OUT, OUT) The MOSFET driver output is a low-impedance, CMOS push-pull style output, capable of driving a capacitive load with 3A peak currents. 3.4 Ground (GND) The ground pins are the return path for the bias current and for the high peak currents that discharge the load capacitor. The ground pins should be tied into a ground plane or have very short traces to the bias supply source return. 3.5 No Connect (NC) No internal connection. TABLE 3-1: PIN FUNCTION TABLE Pin No. TC1413 MSOP, PDIP, SOIC TC1413N MSOP, PDIP, SOIC Description 1VDD VDD Supply input, 4.5V to 16V 2 IN IN Control input 3 NC NC No connection 4 GND GND Ground 5 GND GND Ground 6OUT OUT CMOS push-pull output, common to pin 7 7OUT OUT CMOS push-pull output, common to pin 6 8VDD VDD Supply input, 4.5V to 16V |
Số phần tương tự - TC1413NCUA |
|
Mô tả tương tự - TC1413NCUA |