công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14504B bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC14504B
Giải thích chi tiết về linh kiện  Hex Level Shifter for TTL to CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14504B bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC14504B Datasheet HTML 1Page - ON Semiconductor MC14504B Datasheet HTML 2Page - ON Semiconductor MC14504B Datasheet HTML 3Page - ON Semiconductor MC14504B Datasheet HTML 4Page - ON Semiconductor MC14504B Datasheet HTML 5Page - ON Semiconductor MC14504B Datasheet HTML 6Page - ON Semiconductor MC14504B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14504B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
Shifting Mode
VCC
Vdc
VDD
Vdc
Limits
Unit
Min
Typ
(Note 3)
Max
Propagation Delay, High to Low
tPHL
TTL – CMOS
VDD > VCC
5.0
5.0
10
15
140
140
280
280
ns
CMOS – CMOS
VDD > VCC
5.0
5.0
10
10
15
15
120
120
70
240
240
140
CMOS – CMOS
VCC > VDD
10
15
15
5.0
5.0
10
185
185
175
370
370
350
Propagation Delay, Low to High
tPLH
TTL – CMOS
VDD > VCC
5.0
5.0
10
15
170
160
340
320
ns
CMOS – CMOS
VDD > VCC
5.0
5.0
10
10
15
15
170
170
100
340
340
200
CMOS – CMOS
VCC > VDD
10
15
15
5.0
5.0
10
275
275
145
550
550
290
Output Rise and Fall Time
tTLH, tTHL
ALL
5.0
10
15
100
50
40
200
100
80
ns
3. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Input Switchpoint CMOS to CMOS Mode
Figure 2. Input Switchpoint TTL to CMOS Mode
Figure 3. Operating Boundary CMOS to CMOS Mode
Figure 4. Operating Boundary TTL to CMOS Mode
20
15
10
5
0
VDD, SUPPLY VOLTAGE (Vdc)
7
6
5
4
3
2
1
0
20
15
10
5
0
VDD, SUPPLY VOLTAGE (Vdc)
7
6
5
4
3
2
1
0
VCC = 10 V
VCC = 5 V
VCC = 5 V
20
15
10
5
0
20
15
10
5
0
VCC, SUPPLY VOLTAGE (Vdc)
20
15
10
5
0
20
15
10
5
0
VCC, SUPPLY VOLTAGE (Vdc)


Số phần tương tự - MC14504B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
MC14504B ONSEMI-MC14504B Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504BCP ONSEMI-MC14504BCP Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
MC14504BCP ONSEMI-MC14504BCP Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
More results

Mô tả tương tự - MC14504B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com