công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH162245 bảng dữ liệu(PDF) 7 Page - Integrated Device Technology

tên linh kiện 74ALVCH162245
Giải thích chi tiết về linh kiện  3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

74ALVCH162245 bảng dữ liệu(HTML) 7 Page - Integrated Device Technology

  74ALVCH162245 Datasheet HTML 1Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 2Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 3Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 4Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 5Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 6Page - Integrated Device Technology 74ALVCH162245 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH162245
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
7
ORDERING IN.ORMATION
ID T
X X
ALVC
XXX
XX
P ackage
D evice Type
Tem p. R ange
PV
PA
PF
162
74
S hrink S m all O utline P ackage
Thin S hrink S m all O utline P ackage
Thin V ery Sm all O utline P ackage
16-B it B us Transceiver w ith 3-S tate O utputs
– 40°C to +85°C
XX X
Fam ily
Bus-Hold
245
Bus-Hold
D ouble-D ensity w ith R esistors, ±12m A (A port)
±24m A (B port)
H
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com


Số phần tương tự - 74ALVCH162245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH162245 PHILIPS-74ALVCH162245 Datasheet
94Kb / 11P
   16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH162245 NEXPERIA-74ALVCH162245 Datasheet
195Kb / 14P
   16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVCH162245DGG PHILIPS-74ALVCH162245DGG Datasheet
94Kb / 11P
   16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH162245DGG NEXPERIA-74ALVCH162245DGG Datasheet
195Kb / 14P
   16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVCH162245DL PHILIPS-74ALVCH162245DL Datasheet
94Kb / 11P
   16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
More results

Mô tả tương tự - 74ALVCH162245

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16245 RENESAS-IDT74ALVCH16245 Datasheet
285Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
logo
Integrated Device Techn...
IDT74ALVCH16652 IDT-IDT74ALVCH16652 Datasheet
121Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16952 IDT-IDT74ALVCH16952 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH16244 RENESAS-IDT74ALVCH16244 Datasheet
270Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com