công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G0509S-1WR2 bảng dữ liệu(PDF) 1 Page - MORNSUN Science& Technology Ltd.

tên linh kiện G0509S-1WR2
Giải thích chi tiết về linh kiện  Reinforced insulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

G0509S-1WR2 bảng dữ liệu(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  G0509S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. G0509S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. G0509S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. G0509S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. G0509S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
G_S-1WR2 & H_S-1WR2 Series
2016.11.02-A/3
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load
*
(µF)
Nominal
(Range)
Output Voltage(VDC)
Output Current
(mA)(Max./Min.)
--
H0305S-1WR2
3.3
(2.97-3.63)
5
200/20
67/71
1000
UL/CE
G0505S-1WR2
5
(4.5-5.5)
±5
±100/±10
74/78
470
G0509S-1WR2
±9
±56/±6
76/80
470
G0512S-1WR2
±12
±42/±5
70/74
220
G0515S-1WR2
±15
±34/±4
72/76
220
UL/CE/CB
H0503S-1WR2
3.3
303/31
69/73
1000
H0505S-1WR2
5
200/20
74/78
1000
H0512S-1WR2
12
84/9
72/76
470
H0515S-1WR2
15
67/7
72/76
470
UL/CE
G1205S-1WR2
12
10.8-13.2)
±5
±100/±10
73/77
470
G1209S-1WR2
±9
±56/±6
76/80
470
G1212S-1WR2
±12
±42/±5
69/73
220
G1215S-1WR2
±15
±34/±4
71/75
220
UL/CE/CB
H1205S-1WR2
5
200/20
73/77
1000
H1212S-1WR2
12
84/9
77/81
470
H1215S-1WR2
15
67/7
77/81
470
--
G1515S-1WR2
15
13.5-16.5)
±15
±34/±4
68/72
220
UL/CE
G2405S-1WR2
24
21.6-26.4)
±5
±100/±10
71/75
470
G2409S-1WR2
±9
±56/±6
75/79
470
G2412S-1WR2
±12
±42/±5
72/76
220
G2415S-1WR2
±15
±34/±4
72/76
220
UL/CE/CB
H2405S-1WR2
5
200/20
72/76
1000
H2412S-1WR2
12
84/9
74/78
470
H2415S-1WR2
15
67/7
74/78
470
Note:* The capacitive loads of positive and negative outputs are identical.
1W, Fixed input voltage , 4200VAC or 6000VDC isolated
& unregulated positive-negative dual/single output
CB Patent Protection RoHS
FEATURES
SIP package
High efficiency up to 81%
Reinforced insulation
The patient leakage current: Max 2µA
Isolation voltage: 4200VAC or 6000VDC
Operating temperature range:-40℃ to +85℃
Internal surface mounted design
International standard pin-out
EN60601-1, ANSI/AAMI ES60601-1approval
1xMOPP/2xMOOP)
IEC60950 approval
G_S-1WR2 & H_S-1WR2 series meet reinforced insulation requirements. They are specially designed for applications where require compact
size, high isolation, low isolation capacitor and low leakage current power. They are widely used in medical, electricity, IGBT driver and so
on. They are suitable for:
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤4200VAC or 6000VDC);
3.Where do not has high requirement of line regulation and the ripple & noise of the output voltage;
Such as: Medical collection and isolation, High voltage collection circuit, IGBT-driven circuits, etc.


Số phần tương tự - G0509S-1WR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
G0509S-1WR2 MORNSUN-G0509S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
More results

Mô tả tương tự - G0509S-1WR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
Artesyn Technologies
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
logo
Minmax Technology Co., ...
MTQZ50 MINMAX-MTQZ50 Datasheet
778Kb / 6P
   Reinforced Insulation 3000 VACrms
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
TE Connectivity Ltd
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com