công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G0505S-2WR2 bảng dữ liệu(PDF) 1 Page - MORNSUN Science& Technology Ltd.

tên linh kiện G0505S-2WR2
Giải thích chi tiết về linh kiện  SIP package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

G0505S-2WR2 bảng dữ liệu(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  G0505S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. G0505S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. G0505S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. G0505S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. G0505S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
G_S-2WR2 & H_S-2WR2 Series
2016.03.07-A/0
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load
*
(µF)
Nomina
l(Range)
Output Voltage(VDC)
Output Current
(mA)(Max./Min.)
UL/CE
(Pending)
G0505S-2WR2
5
(4.5-5.5)
±5
±200/±20
74/78
470
G0509S-2WR2
±9
±111/±12
74/78
470
G0512S-2WR2
±12
±83/±9
74/78
220
G0515S-2WR2
±15
±67/±7
76/80
220
H0505S-2WR2
5
400/40
73/77
1000
H0512S-2WR2
12
167/17
75/79
470
H0515S-2WR2
15
133/14
75/79
470
G1205S-2WR2
12
10.8-13.2)
±5
±200/±20
74/78
470
G1209S-2WR2
±9
±111/±12
78/82
470
G1212S-2WR2
±12
±83/±9
78/82
220
G1215S-2WR2
±15
±67/±7
76/80
220
H1205S-2WR2
5
400/40
73/77
1000
H1212S-2WR2
12
167/17
76/80
470
H1215S-2WR2
15
133/14
78/82
470
G2405S-2WR2
24
21.6-26.4)
±5
±200/±20
75/79
470
G2409S-2WR2
±9
±111/±12
77/81
470
G2412S-2WR2
±12
±83/±9
78/82
220
G2415S-2WR2
±15
±67/±7
77/81
220
H2405S-2WR2
5
400/40
75/79
1000
H2412S-2WR2
12
167/17
78/82
470
H2415S-2WR2
15
133/14
80/84
470
Note:* The capacitive loads of positive and negative outputs are identical.
2W, Fixed input voltage, 4200VAC or 6000VDC isolated
& unregulated positive-negative dual/single output
Patent Protection RoHS
FEATURES
SIP package
High efficiency up to 84%
Reinforced insulation
The patient leakage current: Max 2µA
Isolation voltage: 4200VAC or 6000VDC
Operating temperature range:-40℃~+85℃
Internal surface mounted design
International standard pin-out
Meets EN60601-1, ANSI/AAMI ES60601-1
standards(Pending)
(1xMOPP/2xMOOP)
G_S-2WR2 & H_S-2WR2 series meet reinforced insulation requirements. It is specially designed for applications where require compact size,
high isolation, low isolation capacitor and low leakage current power. It is widely used in medical, electricity, IGBT driver and so on. It is
suitable for:
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤4200VAC or 6000VDC);
3.Where do not has high requirement of line regulation and the ripple & noise of the output voltage;
Such as: Medical collection and isolation, High voltage collection circuit, IGBT-driven circuits, etc.


Số phần tương tự - G0505S-2WR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
G0505S-2W MORNSUN-G0505S-2W Datasheet
135Kb / 2P
   G0509S-2W
G0505S-2W MORNSUN-G0505S-2W Datasheet
1Mb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
G0505S-2W REICU-G0505S-2W Datasheet
437Kb / 1P
   6000VDC Isolated 2W Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
G0505S-2W MORNSUN-G0505S-2W_15 Datasheet
1Mb / 5P
   DC/DC Converter
More results

Mô tả tương tự - G0505S-2WR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DB Lectro Inc
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
   Compact SIP-6 Package
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRFS-3WR2 RSG-WRFS-3WR2 Datasheet
658Kb / 7P
   Ultra-Miniature SIP Package
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com