công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1825A-SP bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1825A-SP
Giải thích chi tiết về linh kiện  Class-V, Radiation Hardened High-Speed PWM Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1825A-SP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button UC1825A-SP Datasheet HTML 7Page - Texas Instruments UC1825A-SP Datasheet HTML 8Page - Texas Instruments UC1825A-SP Datasheet HTML 9Page - Texas Instruments UC1825A-SP Datasheet HTML 10Page - Texas Instruments UC1825A-SP Datasheet HTML 11Page - Texas Instruments UC1825A-SP Datasheet HTML 12Page - Texas Instruments UC1825A-SP Datasheet HTML 13Page - Texas Instruments UC1825A-SP Datasheet HTML 14Page - Texas Instruments UC1825A-SP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
UDG-95111
39
50-
External
Clock
10
6
5
R
T
R
T
C
T
V
SYNC
UDG-95110
CT
1.25 V
CT
from E/A
Oscillator
Voltage Mode
Current Mode
RAMP
CT
7
6
1.25 V
R
SENSE
I
SWITCH
from E/A
Oscillator
RAMP
CT
7
6
11
UC1825A-SP
www.ti.com
SLUS873C – JANUARY 2009 – REVISED DECEMBER 2016
Product Folder Links: UC1825A-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Control Methods
Figure 7 shows the control methods.
Figure 7. Control Methods
8.3.5 Synchronization
The oscillator can be synchronized by an external pulse inserted in series with the timing capacitor (see
Figure 8). Program the free running frequency of the oscillator to be 10% to 15% slower than the desired
synchronous frequency. The pulse width must be greater than 10 ns and less than half the discharge time of the
oscillator. Figure 9 shows how to synchronize two ICs, with one as master and one as slave. Figure 10 shows
the waveforms in a master and slave configuration.
NOTE
The CLK/LEB pin no longer accepts an incoming synchronizing signal.
Figure 8. General Oscillator Synchronization


Số phần tương tự - UC1825A-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
More results

Mô tả tương tự - UC1825A-SP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1846-SP TI1-UC1846-SP_16 Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Intersil Corporation
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
   Radiation Hardened High-Speed, Dual Output PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com