công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL50JH bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADXL50JH
Giải thích chi tiết về linh kiện  Monolithic Accelerometer With Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL50JH bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADXL50JH Datasheet HTML 1Page - Analog Devices ADXL50JH Datasheet HTML 2Page - Analog Devices ADXL50JH Datasheet HTML 3Page - Analog Devices ADXL50JH Datasheet HTML 4Page - Analog Devices ADXL50JH Datasheet HTML 5Page - Analog Devices ADXL50JH Datasheet HTML 6Page - Analog Devices ADXL50JH Datasheet HTML 7Page - Analog Devices ADXL50JH Datasheet HTML 8Page - Analog Devices ADXL50JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADXL50
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS*
Acceleration (Any Axis, Unpowered for 0.5 ms) . . . . . . 2000 g
Acceleration (Any Axis, Powered for 0.5 ms) . . . . . . . . . . 500 g
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Output Short Circuit Duration
(VPR, VOUT, VREF Terminals to Common) . . . . . . . Indefinite
Operating Temperature . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; the functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Package Characteristics
Package
JA
JC
Device Weight
10-Pin TO-100
130
°C/W
30
°C/W
5 Grams
ORDERING GUIDE
Temperature
Model
Range
ADXL50JH
0
°C to +70°C
ADXL50AH
–40
°C to +85°C
PIN DESCRIPTION
+5 V
The power supply input pin.
C2
Connection for an external bypass capacitor (nominally
0.022
µF) used to prevent oscillator switching noise
from interfering with other ADXL50 circuitry. Please
see the section on component selection.
C1
Connections for the demodulator capacitor, nominally
0.022
µF. See the section on component selection for
application information.
COM The power supply common (or “ground”) connection.
VREF
Output of the internal 3.4 V voltage reference.
ST
The digital self-test input. It is both CMOS and TTL
compatible.
VPR
The ADXL50 preamplifier output providing an output
voltage of 19 mV per g of acceleration.
VOUT Output of the uncommitted buffer amplifier.
VIN–
The inverting input of the uncommitted buffer amplifier.
CONNECTION DIAGRAM
10-Header (TO-100)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADXL50 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
1
2
3
4
VIN–
VOUT
VPR
ST
VREF
COM
C2
C1
C1
+5V
TOP VIEW
AXIS OF SENSITIVITY IS ALONG
A LINE BETWEEN PIN 5 AND
THE TAB.
THE CASE OF THE METAL CAN
PACKAGE IS CONNECTED TO
PIN 5 (COMMON).
ARROW INDICATES DIRECTION
OF POSITIVE ACCELERATION
ALONG AXIS OF SENSITIVITY.
NOTES:


Số phần tương tự - ADXL50JH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
More results

Mô tả tương tự - ADXL50JH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com