công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L1 bảng dữ liệu(PDF) 1 Page - Abracon Corporation

tên linh kiện STM32L1
Giải thích chi tiết về linh kiện  SMD Low ESR Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABRACON [Abracon Corporation]
Trang chủ  https://abracon.com
Logo ABRACON - Abracon Corporation

STM32L1 bảng dữ liệu(HTML) 1 Page - Abracon Corporation

  STM32L1 Datasheet HTML 1Page - Abracon Corporation STM32L1 Datasheet HTML 2Page - Abracon Corporation STM32L1 Datasheet HTML 3Page - Abracon Corporation STM32L1 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
||||||| | | | | | | | |
ABS06-107-32.768kHz-T
2.0 x 1.2 x 0.6mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Wireless communications
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• 0.6mm max. height ideal for high density circuit boards
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
SMD Low ESR Crystal
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 |fax 949-546-8001| www.abracon.com
Revised:07.11.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
Overview
ABRACON’s ABS06-107-32.768kHz-T Tuning Fork Crystal is optimized for Power Sensitive Designs, requiring
minimal plating load (4pF) and Ultra-Low ESR. With guaranteed maximum ESR of 80kΩ, this device is ideally
suited for Ultra-Low Power - Real Time Clocking solutions, requiring exceptionally low power consumption
(Reference; ST Micro STM32L1, F2 & F4 µcontrollers).
Key Attributes
4pF plating load facilitates sustained oscillations with very low oscillator loop transconductance (gm) < 3µA/V
Guaranteed maximum ESR of 80kΩ ensures lower overall power consumption & higher Gain Margin
Tight Frequency Set Tolerance < ±20 ppm into a 4pF Effective Oscillator Loop Load
Wide Operating Temperature Range (-40ºC to +85ºC)
< ±175 ppm typical stability over -40ºC to +85ºC; ±250 ppm guaranteed; referenced to measured frequency at
25ºC±3ºC
Developed in close-cooperation with ST Micro for STM32L1, F2 & F4 Reference Designs
Space saving 2.0x1.2x0.6 mm, RoHS Compliant SMT package
Low cost, available through Abracon’s Global Distributors
Reference Design Information
ABS06-107-32.768kHz-T device is Qualified on the following ST Micro’s Reference Designs:
STM32F2 Series: http://www.st.com/web/en/catalog/mmc/FM141/SC1169/SS1575
STM32F4 Series: http://www.st.com/web/en/catalog/mmc/FM141/SC1169/SS1577
STM32L1 Series: http://www.st.com/web/en/catalog/mmc/FM141/SC1169/SS1295


Số phần tương tự - STM32L1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L1-GAME STMICROELECTRONICS-STM32L1-GAME Datasheet
162Kb / 3P
   IAR Systems짰 Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
STM32L1-MAGNET STMICROELECTRONICS-STM32L1-MAGNET Datasheet
162Kb / 3P
   IAR Systems짰 Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
STM32L100 STMICROELECTRONICS-STM32L100 Datasheet
293Kb / 3P
   Discovery kit for STM32L100 Value Line
September 2014 Rev 2
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power 32-bit MCU ARM짰-based Cortex짰-M3, 128KB Flash, 10KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
August 2017
More results

Mô tả tương tự - STM32L1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Abracon Corporation
ABLS-LR ABRACON-ABLS-LR Datasheet
2Mb / 2P
   HC/49US (AT49) ULTRA LOW ESR SMD LOW PROFILE CRYSTAL
05.04.10
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A MICROCRYSTAL-CM7V-T1A Datasheet
114Kb / 2P
   Tuning Fork Crystal 32.768 kHz Low ESR
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
ECS, Inc.
CSM-7SS ECS-CSM-7SS Datasheet
610Kb / 1P
   Low Profile SMD Crystal
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
   SMD LOW PROFILE CRYSTAL
04.07.11
ABLS-LR ABRACON-ABLS-LR_15 Datasheet
1Mb / 2P
   SMD LOW PROFILE CRYSTAL
11.30.10
ABSM8 ABRACON-ABSM8 Datasheet
111Kb / 1P
   LOW FREQUENCY SMD CRYSTAL
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX_14 Datasheet
157Kb / 2P
   Low Profile SMD Crystal
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com