công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7833 bảng dữ liệu(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7833
Giải thích chi tiết về linh kiện  10-Channel, 12-Bit DATA ACQUISITION SYSTEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7833 bảng dữ liệu(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7833 Datasheet HTML 4Page - Burr-Brown (TI) ADS7833 Datasheet HTML 5Page - Burr-Brown (TI) ADS7833 Datasheet HTML 6Page - Burr-Brown (TI) ADS7833 Datasheet HTML 7Page - Burr-Brown (TI) ADS7833 Datasheet HTML 8Page - Burr-Brown (TI) ADS7833 Datasheet HTML 9Page - Burr-Brown (TI) ADS7833 Datasheet HTML 10Page - Burr-Brown (TI) ADS7833 Datasheet HTML 11Page - Burr-Brown (TI) ADS7833 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
®
ADS7833
10
DAC OUTPUT VOLTAGE
The value of the DAC output voltage is determined by the
DAC Input portion of the SERIN word (bits 0 through 7—see
Figure 2). The 8-bit DAC has 256 possible output voltages
from 0V to +2.49V. The value of 1 LSB is 0.0098V.
ANALOG-TO-DIGITAL
CONVERTERS
ARCHITECTURE
The ADCs are 12-bit, successive approximation types imple-
mented with a switched capacitor circuitry.
SPEED
The clock for the ADC conversion is supplied externally at
the CLK pin. Maximum clock frequency for specified accu-
racy is 2.1MHz. This results in a complete conversion cycle
(S/H acquisition and A/D conversion) of 6.6
µs.
INPUT/OUTPUT
The ADS7833 is designed for bipolar input voltages and
uses a binary two’s complement digital output code. A
programmable gain function is associated with each ADC.
This changes the full scale analog input range and the analog
resolution of the converter. Details are shown in Table VI.
DIFFERENTIAL AND COMMON-MODE
INPUT VOLTAGES
The ADS7833 is designed with full differential signal paths
all the way from the multiplexer inputs through to the input
of the ADCs. This was done to provide superior high
frequency noise rejection.
As is common with most differential input semiconductor
devices, there are compound restrictions on the combination
of differential and common-mode input voltages. This mat-
ter is made slightly more complicated by the fact that most
of the analog inputs are capable of being affected by the
programmable gain function. The possible differential and
single ended configurations are shown in Figures 3a and 3b.
The maximum differential and common mode restrictions
are shown in Table VII.
DESCRIPTION
GAIN SELECT CODE
01
23
GAIN
5V/V
2.5V/V
1.25V/V
1.0V/V
FULL SCALE RANGE
±0.5V
±1.0V
±2.0V
±2.5V
HEX CODE
BINARY CODE
+Full Scale (FS –1LSB)
+0.49976
+0.9995V
+1.999V
+2.499
7FFH
0111 1111 1111
One Bit above Mid-Scale
+0.244mV
+0.488mV
+0.976mV
+1.22mV
001H
0000 0000 0001
Mid-Scale
0V
0V
0V
0V
000H
0000 0000 0000
One Bit Below Mid-Scale
–0.244V
–0.488mV
–0.976mV
–1.22mV
FFFH
1111 1111 1111
–Full Scale
–0.500V
–1.000V
–2.000V
–2.500V
800H
1000 0000 0000
NOTE: The programmable gain function applies to all three input channels for ADC1 and ADC2. However, the programmable gain function only applies to the
first input (V3-1) for ADC3. The other three inputs (V3-2, V3-3, and V3-4) are not affected by the GAIN SEL input. They operate at a fixed gain of 1V/V and thus
have a fixed
±2.5V full scale input range.
ANALOG INPUT
BINARY TWO’S COMPLIMENT FORMAT
TABLE VI. Analog Input - Digital Output Relationships.
DIGITAL OUTPUT
DIGITAL INPUT
DAC INPUT0-7
ANALOG OUTPUT
HEX
BINARY
CODE
CODE
00H
0000 0000
0V
01H
0000 0001
+0.0098V
••
••
••
FFH
1111 1111
+2.499
TABLE V. DAC Input/Output Relationships.
GAIN SELECT CODE
0
1
2
3
Gain
5.0V/V
2.5V/V
1.25V/V
1.0V/V
Full Scale Range
(VD with VCM = 0)
±0.5V
±1.0V
±2.0V
±2.5V
Largest Positive
Common Mode
Voltage, VCM+
+2.7V
+2.4V
+1.9V
+1.6V
Largest Negative
Common Mode
Voltage, VCM
–2.7V
–2.4V
–1.9V
–1.6V
TABLE VII. Differential and Common Mode Voltage
Restrictions.
FIGURE 3. (a) Differential Signal Source, and (b) Single
Ended Signal Source.
V
CM
+–
V
D
2
+
+
V
D
2
V
1 – 1P
V
1 – 1N
V
CM
+
+
V
1 – 1P
V
1 – 1N
V
D
V
CM
V
CM
V
D
2
V
CM
V
D
V
D
2
V
1 – 1 +
V
1 – 1 –
V
1 – 1
(A)
(B)


Số phần tương tự - ADS7833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7833

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com