công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4360-2BCP bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADF4360-2BCP
Giải thích chi tiết về linh kiện  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-2BCP bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADF4360-2BCP Datasheet HTML 4Page - Analog Devices ADF4360-2BCP Datasheet HTML 5Page - Analog Devices ADF4360-2BCP Datasheet HTML 6Page - Analog Devices ADF4360-2BCP Datasheet HTML 7Page - Analog Devices ADF4360-2BCP Datasheet HTML 8Page - Analog Devices ADF4360-2BCP Datasheet HTML 9Page - Analog Devices ADF4360-2BCP Datasheet HTML 10Page - Analog Devices ADF4360-2BCP Datasheet HTML 11Page - Analog Devices ADF4360-2BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrA 07/03
–8–
ADF4360-2
R COUNTER
The 14-bit R counter allows the input reference frequency
to be divided down to produce the reference clock to the
phase frequency detector (PFD). Division ratios from 1 to
16,383 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter
(N=BP+A) and produces an output proportional to the
phase and frequency difference between them. Figure 4 is a
simplified schematic. The PFD includes a programmable
delay element which controls the width of the anti-backlash
pulse. This pulse ensures that there is no deadzone in the
PFD transfer function and minimizes phase noise and
reference spurs. Two bits in the R Counter Latch, ABP2
and ABP1 control the width of the pulse. See Page 14.
Figure 4. PFD Simplified Schematic and Timing (In Lock)
Figure 5. MUXOUT Circuit
INPUT SHIFT REGISTER
The ADF4360 family’s digital section includes a 24-bit
input shift register, a 14-bit R counter and a 18-bit N
counter, comprising a 5-bit A counter and a 13-bit B
counter. Data is clocked into the 24-bit shift register on
each rising edge of CLK. The data is clocked in MSB
first. Data is transferred from the shift register to one of
four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits
(C2, C1) in the shift register.
These are the two lsb's
DB1, DB0 as shown in the timing diagram of Figure 1.
The truth table for these bits is shown in Table 1. Table 2
shows a summary of how the latches are programmed.
Please note that the Test Modes Latch is used for Factory
Testing snd should not be programmed by the user.
Control Bits
C2
C1
Data Latch
0
0
Control Latch
0
1
R Counter
1
0
N Counter (A & B)
1
1
Test Modes Latch
HI
HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
U3
UP
DOWN
CHARGE
PUMP
ABP2
ABP1
CPGND
VP
R DIVIDER
N DIVIDER
R DIVIDER
N DIVIDER
CP OUTPUT
Analog Lock Detect
MUXOUT
CONTROL
Digital Lock Detect
R Counter Output
N Counter Output
SDOUT
MUX
DV
DD
DGND
Table I. C2, C1 Truth Table
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4360 family allows
the user to access various internal points on the chip.
The
state of MUXOUT is controlled by M3, M2 and M1 in
the Function Latch. The full truth table is shown on page
13. Figure 5 shows the MUXOUT section in block
diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock
detect: digital lock detect and analog lock detect.
Digital lock detect is active high. When LDP in the R
Counter latch is set to 0, digital lock detect is set high
when the phase error on three consecutive Phase Detector
cycles is less than 15ns.
With LDP set to "1", five consecutive cycles of less than
15ns phase error are required to set the lock detect. It will
stay set high until a phase error of greater than 25ns is
detected on any subsequent PD cycle.
The N-channel open-drain analog lock detect should be
operated with an external pull-up resistor of 10k
nominal.
When lock has been detected this output will be
high with narrow low-going pulses.


Số phần tương tự - ADF4360-2BCP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4360-2BCPZ AD-ADF4360-2BCPZ Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZ AD-ADF4360-2BCPZ Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-2BCPZRL AD-ADF4360-2BCPZRL Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2BCPZRL7 AD-ADF4360-2BCPZRL7 Datasheet
433Kb / 24P
   Integrated Synthesizer and VCO
More results

Mô tả tương tự - ADF4360-2BCP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com