công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8689IPW bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8689IPW
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8689IPW bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS8689IPW Datasheet HTML 3Page - Texas Instruments ADS8689IPW Datasheet HTML 4Page - Texas Instruments ADS8689IPW Datasheet HTML 5Page - Texas Instruments ADS8689IPW Datasheet HTML 6Page - Texas Instruments ADS8689IPW Datasheet HTML 7Page - Texas Instruments ADS8689IPW Datasheet HTML 8Page - Texas Instruments ADS8689IPW Datasheet HTML 9Page - Texas Instruments ADS8689IPW Datasheet HTML 10Page - Texas Instruments ADS8689IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
7
ADS8681, ADS8685, ADS8689
www.ti.com
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADS8681 ADS8685 ADS8689
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
This specification indicates the endpoint INL, not best-fit INL.
(3)
Bipolar ranges are ±12.288 V, ±10.24 V, ±6.144 V, ±5.12 V, and ±2.56 V.
(4)
Unipolar ranges are 0 V–12.288 V, 0 V–10.24 V, 0 V–6.144 V, and 0 V–5.12 V.
(5)
Measured relative to actual measured reference.
(6)
Excludes internal reference accuracy error.
(7)
Excludes internal reference temperature drift.
(8)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with a 1-kHz input signal 0.25 dB below
full-scale, unless otherwise specified.
(9)
Calculated on the first nine harmonics of the input frequency.
SYSTEM PERFORMANCE
Resolution
16
Bits
NMC
No missing codes
16
Bits
DNL
Differential nonlinearity(2)
All input ranges
–0.7
±0.4
0.7
LSB
INL
Integral nonlinearity(2)
All bipolar ranges(3)
–1.2
±0.5
1.2
LSB
All unipolar
ranges(4)
ADS8681
–1.5
±0.5
1.5
ADS8685, ADS8689
–1.2
±0.5
1.2
EO
Offset error(5)
At TA = 25°C
All bipolar ranges(3)
–1
±0.2
1
mV
All unipolar ranges(4)
–2
±0.2
2
Offset error drift with temperature
All input ranges
–3
±0.75
3
ppm/°C
EG
Gain error(6)
At TA = 25°C, all input ranges
–0.025
±0.01
0.025
%FSR
Gain error drift with temperature(7)
All input ranges
–5
±1
5
ppm/°C
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(8)
Input range =
±3 × VREF
ADS8681
90.25
92
dB
ADS8685, ADS8689
90.5
92
Input range =
±2.5 × VREF
ADS8681
90.25
92
ADS8685, ADS8689
90.5
92
Input range = ±1.5 × VREF
89.5
91.5
Input range = ±1.25 × VREF
89.5
91.5
Input range = ±0.625 × VREF
87.75
90
Input range = 3 × VREF
89.25
91
Input range = 2.5 × VREF
89
91
Input range = 1.5 × VREF
88
90
Input range = 1.25 × VREF
87.5
90
THD
Total harmonic distortion(9)(8)
All input
ranges
ADS8681
–107
dB
ADS8685, ADS8689
–112
SINAD
Signal-to-noise + distortion(8)
Input range =
±3 × VREF
ADS8681
90.15
92
dB
ADS8685, ADS8689
90.4
92
Input range =
±2.5 × VREF
ADS8681
90.15
92
ADS8685, ADS8689
90.4
92
Input range = ±1.5 × VREF
89.4
91.5
Input range = ±1.25 × VREF
89.4
91.5
Input range = ±0.625 × VREF
87.65
90
Input range = 3 × VREF
89
91
Input range = 2.5 × VREF
88.75
91
Input range = 1.5 × VREF
87.75
90
Input range = 1.25 × VREF
87.25
90
SFDR
Spurious-free dynamic range(8)
All input
ranges
ADS8681
109
dB
ADS8685, ADS8689
114


Số phần tương tự - ADS8689IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Mô tả tương tự - ADS8689IPW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com