công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8695IRUMT bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS8695IRUMT
Giải thích chi tiết về linh kiện  18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8695IRUMT bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8695IRUMT Datasheet HTML 2Page - Texas Instruments ADS8695IRUMT Datasheet HTML 3Page - Texas Instruments ADS8695IRUMT Datasheet HTML 4Page - Texas Instruments ADS8695IRUMT Datasheet HTML 5Page - Texas Instruments ADS8695IRUMT Datasheet HTML 6Page - Texas Instruments ADS8695IRUMT Datasheet HTML 7Page - Texas Instruments ADS8695IRUMT Datasheet HTML 8Page - Texas Instruments ADS8695IRUMT Datasheet HTML 9Page - Texas Instruments ADS8695IRUMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
6
ADS8691, ADS8695, ADS8699
SBAS777 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8691 ADS8695 ADS8699
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
This specification indicates the endpoint INL, not best-fit INL.
(3)
Unipolar ranges are 0 V–12.288 V, 0 V–10.24 V, 0 V–6.144 V, and 0 V–5.12 V.
(4)
Measured relative to actual measured reference.
(5)
Bipolar ranges are ±12.288 V, ±10.24 V, ±6.144 V, ±5.12 V, and ±2.56 V.
(6)
Excludes internal reference accuracy error.
(7)
Excludes internal reference temperature drift.
(8)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with a 1-kHz input signal 0.25 dB below
full-scale, unless otherwise specified.
(9)
Calculated on the first nine harmonics of the input frequency.
SYSTEM PERFORMANCE
Resolution
18
Bits
NMC
No missing codes
18
Bits
DNL
Differential nonlinearity(2)
All input ranges
–0.9
±0.6
1.1
LSB
INL
Integral nonlinearity(2)
ADS8691
Input range = ±3 × VREF, ±2.5 ×
VREF, ±1.5 × VREF, ±1.25 × VREF
–3.25
±1.75
3.25
LSB
Input range = ±0.625 × VREF
–4.25
±2.25
4.25
All unipolar ranges(3)
–3.5
±2
3.5
ADS8695,
ADS8699
All input ranges
–3
±1.5
3
EO
Offset error(4)
At TA = 25°C
All bipolar ranges(5)
–1
±0.2
1
mV
All unipolar ranges(3)
–2
±0.2
2
Offset error drift with temperature
All input ranges
–3
±0.75
3
ppm/°C
EG
Gain error(6)
At TA = 25°C, all input ranges
–0.025
±0.01
0.025
%FSR
Gain error drift with temperature(7)
All input ranges
–5
±1
5
ppm/°C
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(8)
Input range = ±3 × VREF
91
92.5
dB
Input range = ±2.5 × VREF
91
92.5
Input range = ±1.5 × VREF
90
91.5
Input range = ±1.25 × VREF
90
91.5
Input range = ±0.625 × VREF
87.75
90
Input range = 3 × VREF
89.5
91
Input range = 2.5 × VREF
89.5
91
Input range = 1.5 × VREF
88
91
Input range = 1.25 × VREF
88
90
THD
Total harmonic distortion(9)(8)
All input ranges
–110
dB
SINAD
Signal-to-noise + distortion(8)
Input range = ±3 × VREF
90.9
92.5
dB
Input range = ±2.5 × VREF
90.9
92.5
Input range = ±1.5 × VREF
89.9
91.5
Input range = ±1.25 × VREF
89.9
91.5
Input range = ±0.625 × VREF
87.65
90
Input range = 3 × VREF
89.25
91
Input range = 2.5 × VREF
89.25
91
Input range = 1.5 × VREF
87.75
90
Input range = 1.25 × VREF
87.75
90
SFDR
Spurious-free dynamic range(8)
All input ranges
114
dB


Số phần tương tự - ADS8695IRUMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS8694IDBT TI1-ADS8694IDBT Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694IDBTR TI1-ADS8694IDBTR Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8698 TI1-ADS8698 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Mô tả tương tự - ADS8695IRUMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com