công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8588SIPM bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8588SIPM
Giải thích chi tiết về linh kiện  16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8588SIPM bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8588SIPM Datasheet HTML 1Page - Texas Instruments ADS8588SIPM Datasheet HTML 2Page - Texas Instruments ADS8588SIPM Datasheet HTML 3Page - Texas Instruments ADS8588SIPM Datasheet HTML 4Page - Texas Instruments ADS8588SIPM Datasheet HTML 5Page - Texas Instruments ADS8588SIPM Datasheet HTML 6Page - Texas Instruments ADS8588SIPM Datasheet HTML 7Page - Texas Instruments ADS8588SIPM Datasheet HTML 8Page - Texas Instruments ADS8588SIPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
AIN_1P
AIN_1GND
AIN_2P
AIN_2GND
AIN_7P
AIN_7GND
AIN_8P
AIN_8GND
16-Bit
SAR
ADC
2.5 VREF
REFGND
DGND
AGND
DVDD
AVDD
ADS858xS
ADC
Driver
REFIN/REFOUT
REFCAPB
REFSEL
Digital Filter
OS2
OS0
OS1
SAR
Logic
and
Digital Control
DB[15:0]
DOUTA
DOUTB
PAR/SER
RANGE/SDI
RD / SCLK
CS
RESET
CONVSTA, CONVSTB
FRSTDATA
STBY
REFCAPA
BUSY
1 M:
Clamp
1 M:
2nd-Order
LPF
Clamp
PGA
ADC
Driver
1 M:
Clamp
1 M:
2nd-Order
LPF
Clamp
PGA
ADC
Driver
1 M:
Clamp
1 M:
2nd-Order
LPF
Clamp
PGA
ADC
Driver
1 M:
Clamp
1 M:
2nd-Order
LPF
Clamp
PGA
16-Bit
SAR
ADC
16-Bit
SAR
ADC
16-Bit
SAR
ADC
8 Channels for the ADS8588S
6 Channels for the ADS8586S
4 Channels for the ADS8584S
SER/PAR
Interface
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS8588S, ADS8586S, ADS8584S
SBAS642 – DECEMBER 2016
ADS858xS 16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with
Bipolar Inputs on a Single Supply
1
1 Features
1
16-Bit ADCs with Integrated Analog Front-End
Simultaneous Sampling: 8-, 6-, and 4- Channels
Pin-Programmable Bipolar Inputs: ±10 V and ±5 V
High Input Impedance: 1 MΩ
5-V Analog Supply: 2.3-V to 5-V I/O Supply
Overvoltage Input Clamp with 7-kV ESD
Low-Drift, On-Chip Reference (2.5 V) and Buffer
Excellent Performance:
200-kSPS Max Throughput on All Channels
DNL: ±0.35 LSB; INL: ±0.45 LSB
SNR: 96.4 dB; THD:
−114 dB
Over Temperature Performance:
Max Offset Drift: 3 ppm/°C
Gain Drift: 6 ppm/°C
On-Chip Digital Filter for Oversampling
Flexible Parallel, Byte, and Serial Interface
Temperature Range: –40°C to +125°C
Package: LQFP-64
2 Applications
Monitoring and Control for Power Grids
Protection Relays
Multi-Phase Motor Controls
Industrial Automation and Controls
Multichannel Data Acquisition Systems
3 Description
The ADS8588S, ADS8586S, and ADS8584S devices
are 8-, 6- and 4-channel, integrated data acquisition
(DAQ)
systems
based
on
a
16-bit
successive
approximation
(SAR)
analog-to-digital
converter
(ADC). All input channels are simultaneously sampled
to achieve a maximum throughput of 200 kSPS per
channel. The devices feature a complete analog
front-end for each channel, including a programmable
gain amplifier (PGA) with high input impedance of
1 MΩ, input clamp, low-pass filter, and an ADC input
driver. The devices also feature a low-drift, precision
reference with a buffer to drive the ADC. A flexible
digital interface supporting serial, parallel, and parallel
byte communication enables the devices to be used
with a variety of host controllers.
The ADS858xS can be configured to accept ±10-V or
±5-V true bipolar inputs using a single 5-V supply.
The high input impedance allows direct connection
with sensors and transformers, thus eliminating the
need
for
external
driver
circuits.
The
high
performance and accuracy, along with zero-latency
conversions offered by these devices, also make the
ADS858xS
a
great
choice
for
many
industrial
automation and control applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS858xS
LQFP (64)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.


Số phần tương tự - ADS8588SIPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPM TI1-ADS8588HIPM Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPMR TI1-ADS8588HIPMR Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Mô tả tương tự - ADS8588SIPM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com